Electronic Components Datasheet Search
  English  ▼

X  

AMMP-6546 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # AMMP-6546
Description  18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer In SMT Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMMP-6546 Datasheet(HTML) 1 Page - Broadcom Corporation.

  AMMP-6546 Datasheet HTML 1Page - Broadcom Corporation. AMMP-6546 Datasheet HTML 2Page - Broadcom Corporation. AMMP-6546 Datasheet HTML 3Page - Broadcom Corporation. AMMP-6546 Datasheet HTML 4Page - Broadcom Corporation. AMMP-6546 Datasheet HTML 5Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AMMP-6546
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer
In SMT Package
Data Sheet
Attention: Observe precautions for
handling electrostatic sensitive devices.
ESD Machine Model (Class A) : 30V
ESD Human Body Model (Class 0) :100V
Refer to Avago Application Note A004R:
Electrostatic Discharge, Damage and Control.
Description
Avago’s AMMP-6546 is an easy-to-use broadband sub-
harmonic mixer, with the LO injected at half of the
frequency of that required by a conventional mixer.
AMMP-6546 is similar to AMMP-6545 except that the
layout is a mirror image designed to ease integration into
transmitter or receiver designs. The MMIC includes an 180°
balanced diode based mixer. The MMIC is fabricated using
PHEMT technology. The surface mount package allows
elimination of “chip & wire” assembly for lower cost. This
MMIC is a cost effective alternative to multi-chip solution
that have higher loss and complex assembly.
Applications
• Microwave radio systems
• Satellite VSAT, DBS up/down link
• LMDS & Pt-Pt mmW long haul
• Broadband wireless access (including 802.16 and
802.20 WiMax)
• WLL and MMDS loops
Package Diagram
Features
• RF Frequency : 18-40 GHz
• LO Frequency : 9-20 GHz
• IF Frequency : DC-3.5 GHz
• 5x5 mm Surface Mount Package
• Suitable for Up and Down Conversion
• Diode Mixer
• Typical Performance at RF= 21GHz
Conversion Loss : 11 dB
IIP3
: +12 dBm
2LO-R Leakage : -44 dBm
2LO-I Leakage : -61 dBm
• Typical Performance at RF= 23GHz
Conversion Loss : 10 dB
IIP3
: +11.7 dBm
2LO-R Leakage : -40 dBm
2LO-I Leakage : -64 dBm
• Typical Performance at RF= 26GHz
Conversion Loss : 11 dB
IIP3
: +11.8 dBm
2LO-R Leakage : -42 dBm
2LO-I Leakage : -60 dBm
Functional Block Diagram
1
2
3
7
5
6
4
8
LO
RF
NC
NC
NC
NC
NC
IF
GND
PIN
1
2
3
4
5
6
7
8
FUNCTION
NC
NC
NC
RF
IF
NC
NC
LO
7
6
5
1
2
3
4
8
x2
LO
NC
NC
NC
NC
NC
IF
RF
TOP VIEW
PACKAGE BASE: GND
Note: MSL Rating - Level 2A


Similar Part No. - AMMP-6546

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6546 AVAGO-AMMP-6546 Datasheet
170Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer
AMMP-6546-BLKG AVAGO-AMMP-6546-BLKG Datasheet
118Kb / 2P
Refer to Appendix A
AMMP-6546-TR1G AVAGO-AMMP-6546-TR1G Datasheet
118Kb / 2P
Refer to Appendix A
AMMP-6546-TR2G AVAGO-AMMP-6546-TR2G Datasheet
118Kb / 2P
Refer to Appendix A
More results

Similar Description - AMMP-6546

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC265LM3 HITTITE-HMC265LM3 Datasheet
302Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC798LC4 HITTITE-HMC798LC4_10 Datasheet
256Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC265LM3 HITTITE-HMC265LM3_08 Datasheet
252Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6545 AVAGO-AMMP-6545 Datasheet
309Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer in SMT Package
AMMP-6545 AVAGO-AMMP-6545_15 Datasheet
309Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer
AMMP-6546 AVAGO-AMMP-6546 Datasheet
170Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer
logo
Broadcom Corporation.
AMMP-6545 BOARDCOM-AMMP-6545 Datasheet
309Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer in SMT Package
logo
Analog Devices
HMC264LC3B AD-HMC264LC3B Datasheet
403Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
HMC265LM3 AD-HMC265LM3 Datasheet
385Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC338LC3B AD-HMC338LC3B Datasheet
393Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com