Electronic Components Datasheet Search
  English  ▼

X  

PDT10016 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PDT10016
Description  THYRISTOR MODULE 100A/1200 to 1600V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDT10016 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PDT10016 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDT10016 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDT10016 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PDT10016 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PDT10016 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
THYRISTOR MODULE
Maximum Ratings
Approx Net Weight:155g
Grade
Parameter
Parameter
Parameter
Parameter
Symbol
PDT/PDH10012
PDT/PDH10016
Unit
Repetitive Peak Off-State Voltage
VDRM
1200
1600
Non Repetitive Peak Off-State Voltage
VDSM
1300
1700
V
Repetitive Peak Reverse Voltage
VRRM
1200
1600
Non Repetitive Peak Reverse Voltage
VRSM
1300
1700
V
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Max Rated
Max Rated
Max Rated
Max Rated
Value
Value
Value
Value
Unit
Average Rectified Output Current
IO(AV)
50Hz Half Sine Wave condition
Tc=77°C
100
A
RMS On-State Current
IT(RMS)
156
A
Surge On-State Current
ITSM
50 Hz Half Sine Wave,1Pulse
Non-Repetitive
2000
A
I Squared t
I2t
2msec to 10msec
20000
A2s
Critical Rate of Turned-On Current
di/dt
VD=2/3VDRM, ITM=2•IO, Tj=125°C
IG=200mA, diG/dt=0.2A/µs
100
A/µs
Peak Gate Power
PGM
5
W
Average Gate Power
PG(AV)
1
W
Peak Gate Current
IGM
2
A
Peak Gate Voltage
VGM
10
V
Peak Gate Reverse Voltage
VRGM
5
V
Operating JunctionTemperature Range
Tjw
-40 to +125
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isoration Voltage
Viso
Base Plate to Terminals, AC1min
2500
V
Case mounting
M6 Screw
2.4 to 3.5
Mounting torque
Terminals
Ftor
M5 Screw
2.4 to 2.8
N•m
Value per 1 Arm
FEATURES
* Isolated Base
* Dual Thyristors or Thyristor and Diode
Cascaded Circuit
* High Surge Capability
* UL Recognized, File No. E187184
TYPICAL APPLICATIONS
* Rectified For General Use
PD T1001 2 PD T1001 6
PD T1001 2 PD T1001 6
PD T1001 2 PD T1001 6
PD T1001 2 PD T1001 6
PDH10012 PDH1001 6
PDH10012 PDH1001 6
PDH10012 PDH1001 6
PDH10012 PDH1001 6
OUTLINE DRAWING
φ
100A / 1200 to 1600V
PDT
PDH


Similar Part No. - PDT10016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT10016 NIEC-PDT10016 Datasheet
261Kb / 4P
100A Avg 1200~1600 Volts
logo
Kyocera Kinseki Corpota...
PDT10016 KSS-PDT10016 Datasheet
969Kb / 3P
Thyristor
logo
National Instruments Co...
PDT10016 NI-PDT10016_15 Datasheet
880Kb / 3P
THYRISTOR
More results

Similar Description - PDT10016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC10012 NIEC-PC10012 Datasheet
219Kb / 3P
DIODE MODULE 100A/1200 to 1600V
PCH3012 NIEC-PCH3012 Datasheet
266Kb / 5P
THYRISTOR MODULE 30A/1200 to 1600V
PCH6012 NIEC-PCH6012 Datasheet
269Kb / 5P
THYRISTOR MODULE 60A/1200 to 1600V
PCH10012 NIEC-PCH10012 Datasheet
317Kb / 5P
THYRISTOR MODULE 100A/1200 to 1600V
PCH15012 NIEC-PCH15012 Datasheet
255Kb / 5P
THYRISTOR MODULE 150A/1200 to 1600V
PCH20012 NIEC-PCH20012 Datasheet
251Kb / 5P
THYRISTOR MODULE 200A/1200 to 1600V
PDT3012 NIEC-PDT3012 Datasheet
271Kb / 5P
THYRISTOR MODULE 30A /1200 to 1600V
PDT6012 NIEC-PDT6012 Datasheet
273Kb / 5P
THYRISTOR MODULE 60A / 1200 to 1600V
PGH10016AM NIEC-PGH10016AM Datasheet
234Kb / 4P
THYRISTOR MODULE 100A / 1600V
logo
MacMic
MMK150T160UX6J MACMIC-MMK150T160UX6J Datasheet
265Kb / 4P
1600V 100A Thyristor/Diode Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com