Electronic Components Datasheet Search
  English  ▼

X  

BC858 Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # BC858
Description  PNP Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

BC858 Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  BC858 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. BC858 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. BC858 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. BC858 Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. BC858 Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BC856,BC857,BC858
PNP Plastic-Encapsulate Transistors
Epoxy meets UL-94 V-0 flammability rating
Power Dissipation of 200mW
Ideally suited for automatic insertion
Item
Symbol
Unit
Value
Collector-Emitter Voltage
VCEO
V
Collector-Base Voltage
VCBO
V
Emitter-Base Voltage
VEBO
V
-6.0
Collector Curre nt, Continuous
IC
mA
Power Dissipation
PD
mW
200
Operation Junction T emperature
TJ
℃
-55 to +150
Storage T emperature
TSTG
℃
-55 to +150
JINAN JINGHENG ELECTRONICS CO., LTD.
5-1
HTTP://WWW.JINGHENG.CN
R
S E M I C O N D U C T O R
FEATURES
MAXIMUM RATINGS(TA=25°C Unless otherwise specified)
Marking:BC856A:3A, BC856B:3B
BC857A:3E, BC857B:3F, BC857C:3G
BC858A:3J, BC858B:3K, BC858C:3L
-80
-65
BC856
BC858
BC857
BC858
BC857
BC856
-45
-30
-50
-30
-100
Thermal resistance From junction to ambient
RØJA
℃/W
625
MECHANICAL DATA
Case:SOT-23
Mounting Position: Any
Terminals:Plated solderable per MIL-STD-750,method 2026
Complementary to BC846,BC847,BC848
SOT-23
B
C
E
C
B
E
For switching and AF amplifier applications


Similar Part No. - BC858

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BC858 STMICROELECTRONICS-BC858 Datasheet
44Kb / 5P
SMALL SIGNAL PNP TRANSISTORS
Oct-1997
logo
Fairchild Semiconductor
BC858 FAIRCHILD-BC858 Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
General Semiconductor
BC858 GE-BC858 Datasheet
231Kb / 6P
Small Signal Transistors (PNP)
logo
KEC(Korea Electronics)
BC858 KEC-BC858 Datasheet
247Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
AUK corp
BC858 AUK-BC858 Datasheet
92Kb / 3P
PNP Silicon Transistor (General purpose application Switching application)
More results

Similar Description - BC858

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
PNP Plastic-Encapsulate Transistors
BCP69-16 MCC-BCP69-16 Datasheet
460Kb / 3P
PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
PNP Plastic-Encapsulate Transistors
2SB1132-P MCC-2SB1132-P_17 Datasheet
542Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com