Electronic Components Datasheet Search
  English  ▼

X  

2SC2405 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC2405
Description  Silicon NPN epitaxial planer type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC2405 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC2405 Datasheet HTML 1Page - Panasonic Semiconductor 2SC2405 Datasheet HTML 2Page - Panasonic Semiconductor 2SC2405 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SC2405, 2SC2406
Silicon NPN epitaxial planer type
For low-frequency and low-noise amplification
Complementary to 2SA1034 and 2SA1035
s Features
q
Low noise voltage NV.
q
High foward current transfer ratio hFE.
q
Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
s Absolute Maximum Ratings (Ta=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
35
55
35
55
5
100
50
200
150
–55 ~ +150
Unit
V
V
V
mA
mA
mW
˚C
˚C
2SC2405
2SC2406
2SC2405
2SC2406
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base
voltage
Collector to emitter
voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter voltage
Transition frequency
Noise voltage
Symbol
ICBO
ICEO
VCBO
VCEO
VEBO
hFE
*
VCE(sat)
VBE
fT
NV
Conditions
VCB = 10V, IE = 0
VCE = 10V, IB = 0
IC = 10µA, IE = 0
IC = 2mA, IB = 0
IE = 10µA, IC = 0
VCB = 5V, IE = –2mA
IC = 100mA, IB = 10mA
VCE = 1V, IC = 100mA
VCB = 5V, IE = –2mA, f = 200MHz
VCE = 10V, IC = 1mA, GV = 80dB
Rg = 100kΩ, Function = FLAT
min
35
55
35
55
5
180
typ
0.7
200
110
max
100
1
700
0.6
1
Unit
nA
µA
V
V
V
V
V
MHz
mV
*h
FE Rank classification
Rank
R
S
T
hFE
180 ~ 360
260 ~ 520
360 ~ 700
2SC2405
SR
SS
ST
2SC2406
TR
TS
TT
Marking symbol :
S(2SC2405)
T(2SC2406)
Unit: mm
1:Base
JEDEC:TO–236
2:Emitter
EIAJ:SC–59
3:Collector
Mini Type Package
2.8
+0.2
–0.3
1.5
+0.25
–0.05
0.65
±0.15
0.65
±0.15
3
1
2
0.4
±0.2
0.1 to 0.3
Marking
Symbol
2SC2405
2SC2406
2SC2405
2SC2406


Similar Part No. - 2SC2405

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2405 PANASONIC-2SC2405 Datasheet
51Kb / 3P
Silicon PNP epitaxial planer type
2SC2405 PANASONIC-2SC2405 Datasheet
236Kb / 5P
Si NPN Triple Diffused Mesa
logo
Guangdong Kexin Industr...
2SC2405 KEXIN-2SC2405 Datasheet
37Kb / 1P
Silicon PNP Epitaxial Planar Type
logo
Panasonic Semiconductor
2SC2405R PANASONIC-2SC2405R Datasheet
236Kb / 5P
Si NPN Triple Diffused Mesa
2SC2405S PANASONIC-2SC2405S Datasheet
236Kb / 5P
Si NPN Triple Diffused Mesa
More results

Similar Description - 2SC2405

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1980 PANASONIC-2SC1980 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type
2SD1820A PANASONIC-2SD1820A Datasheet
60Kb / 2P
Silicon NPN epitaxial planer type
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
UN921MJ PANASONIC-UN921MJ Datasheet
315Kb / 18P
Silicon NPN epitaxial planer type
2SC1215 PANASONIC-2SC1215 Datasheet
62Kb / 3P
Silicon NPN epitaxial planer type
logo
Guangdong Kexin Industr...
BF620 KEXIN-BF620 Datasheet
52Kb / 2P
Silicon NPN epitaxial planer type
2SD2459 KEXIN-2SD2459 Datasheet
51Kb / 2P
Silicon NPN epitaxial planer type
2SD601A KEXIN-2SD601A Datasheet
38Kb / 1P
Silicon NPN Epitaxial Planer Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com