Electronic Components Datasheet Search
  English  ▼

X  

PDT20116 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PDT20116
Description  THYRISTOR MODULE 200A / 1600V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDT20116 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PDT20116 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDT20116 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDT20116 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PDT20116 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PDT20116 Datasheet HTML 5Page - Nihon Inter Electronics Corporation PDT20116 Datasheet HTML 6Page - Nihon Inter Electronics Corporation PDT20116 Datasheet HTML 7Page - Nihon Inter Electronics Corporation PDT20116 Datasheet HTML 8Page - Nihon Inter Electronics Corporation PDT20116 Datasheet HTML 9Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
THYRISTOR MODULE
Maximum Ratings
Approx Net Weight:280g
Grade
Parameter
Parameter
Parameter
Parameter
Symbol
PDT/PDH20116
Unit
Repetitive Peak Off-State Voltage
VDRM
1600
Non Repetitive Peak Off-State Voltage
VDSM
1700
V
Repetitive Peak Reverse Voltage
VRRM
1600
Non Repetitive Peak Reverse Voltage
VRSM
1700
V
arameter
arameter
arameter
arameter
Conditions
Conditions
Conditions
Conditions
Max Rated
Max Rated
Max Rated
Max Rated
Value
Value
Value
Value
Unit
Average Rectified Output Current
IO(AV)
50Hz Half Sine Wave condition
Tc=71
°C
200
A
RMS On-State Current
IT(RMS)
314
A
Surge Forward Current
IFSM
50 Hz Half Sine Wave,1cycle
Non-Repetitive
4000
A
I Squared t
I2t
2msec to 10msec
80000
A2s
Critical Rate of Turned-On Current
di/dt
VD=2/3VDRM, ITM=2•IO, Tj=125
°C
IG=300mA, diG/dt=0.2A/
µs
100
A/
µs
Peak Gate Power
PGM
5
W
Average Gate Power
PG(AV)
1
W
Peak Gate Current
IGM
2
A
Peak Gate Voltage
VGM
10
V
Peak Gate Reverse Voltage
VRGM
5
V
Operating JunctionTemperature Range
Tjw
-40 to +125
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isoration Voltage
Viso
Base Plate to Terminals, AC1min
2500
V
Case mounting
M6 Screw
2.5 to 3.5
Mounting torque
Terminals
Ftor
M6 Screw
2.5 to 3.5
N•m
Value per 1 Arm
FEATURES
* 108mm Short Size Case
* Isolated Base
* Dual Thyristors or Thyristor and
Diode Cascaded Circuit
* High Surge Capability
* UL Recognized, File No. E187184
TYPICAL APPLICATIONS
* AC phase control
PDT20116 PDH20116
PDT20116 PDH20116
PDT20116 PDH20116
PDT20116 PDH20116
OUTLINE DRAWING
200A / 1600V
PDT
PDH


Similar Part No. - PDT20116

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT20116 NIEC-PDT20116 Datasheet
378Kb / 3P
150A Avg 800 Volts
logo
Kyocera Kinseki Corpota...
PDT20116 KSS-PDT20116 Datasheet
1Mb / 8P
Thyristor
logo
Nihon Inter Electronics...
PDT20116 NIEC-PDT20116_1 Datasheet
378Kb / 3P
150A Avg 800 Volts
logo
National Instruments Co...
PDT20116 NI-PDT20116_15 Datasheet
378Kb / 3P
THYRISTOR
More results

Similar Description - PDT20116

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PGH20016AM NIEC-PGH20016AM Datasheet
240Kb / 4P
THYRISTOR MODULE 200A / 1600V
PCH20012 NIEC-PCH20012 Datasheet
251Kb / 5P
THYRISTOR MODULE 200A/1200 to 1600V
PD20116 NIEC-PD20116 Datasheet
176Kb / 6P
DIODE MODULE - 200A/1600V
PDT20012 NIEC-PDT20012 Datasheet
258Kb / 5P
THYRISTOR MODULE 200A / 1200to 1600V
PGH10016AM NIEC-PGH10016AM Datasheet
234Kb / 4P
THYRISTOR MODULE 100A / 1600V
PT200S12 NIEC-PT200S12 Datasheet
133Kb / 3P
DIODE MODULE 200A/1200V/1600V
logo
MacMic
MMK40A160B MACMIC-MMK40A160B Datasheet
400Kb / 5P
1600V 40A thyristor Module
MMK90A160UA MACMIC-MMK90A160UA Datasheet
522Kb / 5P
1600V 90A thyristor Module
MMK200T160UX MACMIC-MMK200T160UX Datasheet
742Kb / 5P
1600V 200A Three Phase DiodeThyristor Module
MMK200T160UX6J MACMIC-MMK200T160UX6J Datasheet
264Kb / 4P
1600V 200A Thyristor/Diode Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com