Electronic Components Datasheet Search
  English  ▼

X  

LMF201B12 Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMF201B12
Description  Sealed Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMF201B12 Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMF201B12 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF201B12 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF201B12 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF201B12 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF201B12 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF201B12 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF201B12 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF201B12 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF201B12 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical Characteristics
Part Number
Inductance
(uH)
Tolerance
(±%)
Test
Frequency
(MHz)
RDC
(Ω) ±30%
Isat (A)
Typ. (Max)
Irms (A)
Typ. (Max)
Marking
LMF252A10-R47□-N
0.47
20, 30
1
0.045
2.80(2.52)
2.30(2.07)
A
LMF252A10-R47□-N
1.0
20, 30
1
0.066
1.98(1.78)
2.05(1.84)
B
LMF252A10-1R5□-N
1.5
20, 30
1
0.095
1.70(1.53)
1.85(1.66)
C
LMF252A10-4R7□-N
4.7
20, 30
1
0.285
0.92(0.82)
0.95(0.85)
F
LMF252A10-100□-N
10
20, 30
1
0.535
0.60(0.54)
0.70(0.63)
H
LMF252A10-150□-N
15
20, 30
1
0.810
0.50(0.45)
0.55(0.49)
I
LMF252A10-220□-N
22
20, 30
1
1.200
0.40(0.36)
0.44(0.39)
J
Note: When ordering, please specify tolerance code. Tolerance: M=±20% , T =±30%
Operating temperature range-55℃~125℃(Including self - temperature rise)
 Isat for Inductance drop 30% from its value without current
 Irms for a 40℃ temperature rise from 25℃ ambient with current
 Measure Equipment:
L:Agilent HP4287A+Agilent HP16197A, 1MHz 200mV
RDC:DIGITAL MILLINHM METER CHROMA 16502, or equivalent
Isat & Irms:Agilent HP4284A
Test Instruments:HP4284A Material/Impedance Analyzer
Inductance vs. DC Current
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
0
0.5
1
1.5
2
2.5
3
3.5
4
DC Current(A)
R47
1R0
1R5
4R7
100
150
220
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
DC Current(A)
R47
1R0
1R5
4R7
100
150
220
LMF Series
Rev :
www.leiditech.com
01.06.2018
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com