Electronic Components Datasheet Search
  English  ▼

X  

LMH Datasheet(PDF) 19 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMH Datasheet(HTML) 19 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LMH Datasheet HTML 14Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 15Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 16Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 17Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 18Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 19Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 20Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 21Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 22Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Electrical Characteristics
Q Min
Part Number
Inductance
(nH)
at 100MHz
Tolerance
at 50MHz
at 100MHz
SRF
(MHz) Typ
DC Resistance
(Ω) Max
IDC
(mA) Max
LMH1608T-1N0S-W
1.0
S
8
10000
0.10
600
LMH1608T-1N2S-W
1.2
S
8
10000
0.10
600
LMH1608T-1N5S-W
1.5
S
8
8000
0.10
600
LMH1608T-1N8S-W
1.8
S
8
8000
0.10
600
LMH1608T-2N2S-W
2.2
S
8
7200
0.10
600
LMH1608T-2N7S-W
2.7
S
10
6200
0.10
600
LMH1608T-3N3□-W
3.3
S/ K
10
5200
0.12
600
LMH1608T-3N9□-W
3.9
S/ K
10
5000
0.14
600
LMH1608T-4N7□-W
4.7
S/ K
10
4750
0.16
600
LMH1608T-5N6□-W
5.6
S/ K
10
4100
0.18
600
LMH1608T-6N8□-W
6.8
J/ K
10
3750
0.22
600
LMH1608T-8N2□-W
8.2
J/ K
10
3300
0.24
600
LMH1608T-10N□-W
10
J/ K
12
3000
0.26
600
LMH1608T-12N□-W
12
J/ K
12
2600
0.28
600
LMH1608T-15N□-W
15
J/ K
12
2500
0.32
600
LMH1608T-18N□-W
18
J/ K
12
2400
0.35
600
LMH1608T-22N□-W
22
J/ K
12
2000
0.40
500
LMH1608T-27N□-W
27
J/ K
12
1900
0.45
500
LMH1608T-33N□-W
33
J/ K
12
1600
0.55
400
LMH1608T-39N□-W
39
J/ K
12
1400
0.60
400
LMH1608T-47N□-W
47
J/ K
12
1300
0.70
400
LMH1608T-56N□-W
56
J/ K
12
1100
0.75
400
LMH1608T-62N□-W
62
J/ K
12
1050
0.85
400
LMH1608T-68N□-W
68
J/ K
12
1050
0.85
400
LMH1608T-82N□-W
82
J/ K
12
900
1.00
300
LMH1608T-R10□-W
100
J/ K
12
770
1.20
300
LMH1608T-R12□-W
*120
J/ K
8
650
1.30
300
LMH1608T-R15□-W
*150
J/ K
8
550
1.70
250
LMH1608T-R18□-W
*180
J/ K
8
520
1.90
250
LMH1608T-R22□-W
*220
J/ K
8
500
2.00
250
LMH1608T-R27□-W
*270
J/ K
8
470
2.20
150
LMH1608T-R33□-W
*330
J/ K
8
320
2.80
100
LMH1608T-R39□-W
*390
J/ K
8
300
3.00
100
 * at 50MHz
 Tolerance:S = ± 0.3 nH;J = ± 5%;K = ± 10%
 Test Instruments: L/Q:
L/Q:Agilent E4991A
Fixture:Agilent 16197A
SRF:
HP8753D
RDC:
HP4338B/ CH502BC
LMH Series
Rev :
www.leiditech.com
01.06.2018
19/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com