Electronic Components Datasheet Search
  English  ▼

X  

IL062 Datasheet(PDF) 3 Page - Integral Corp.

Part # IL062
Description  Low Power J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL062 Datasheet(HTML) 3 Page - Integral Corp.

  IL062 Datasheet HTML 1Page - Integral Corp. IL062 Datasheet HTML 2Page - Integral Corp. IL062 Datasheet HTML 3Page - Integral Corp. IL062 Datasheet HTML 4Page - Integral Corp. IL062 Datasheet HTML 5Page - Integral Corp. IL062 Datasheet HTML 6Page - Integral Corp. IL062 Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IL062
ELECTRICAL CHARACTERISTICS
VCC = ± 15V, TAMB = 25°C (unless otherwise specified)
IL062
Symbol
Parameters
Min.
Typ.
Max.
Unit
VIO
Input Offset Voltage (RS = 50Ω)
Tamb =25°C
Tmin. ≤ Tamb. ≤ Tmax.
3
15
20
mV
DVIO
Temperature Coefficient of Input Offset Voltage
(RS = 50Ω)
10
μV/°C
IIO
Input Offset Current
*
Tamb =25°C
Tmin. ≤ Tamb. ≤ Tmax.
5
200
5
pA
nA
IIB
Input Bias Current
*
Tamb =25°C
Tmin. ≤ Tamb. ≤ Tmax.
30
400
10
pA
nA
VICM
Input Common Mode Voltage Range
±11
+15
-12
V
VOPP
Output Voltage Swing (RL = 10kΩ)
Tamb =25°C
Tmin. ≤ Tamb. ≤ Tmax.
20
20
27
V
AVD
Large Signal Voltage Gain (RL = 10kΩ, VO =±
10V)
Tamb =25°C
Tmin. ≤ Tamb. ≤ Tmax.
3
3
6
V/mV
GBP
Gain Bandwidth Product
(Tamb =25°C, RL = 10kΩ,
CL =100pF)
1
MHz
RI
Input Resistance
10
12
Ω
CMR
Common Mode Rejection Ratio
(RS = 50Ω)
70
76
dB
SVR
Supply Voltage Rejection Ratio
(RS = 50Ω)
70
95
dB
ICC
Supply Current (Per Amplifier)
(Tamb =25°C, no load, no signal)
200
250
 
A
VO1/VO2
Channel Separation
(AV =100, Tamb =25°C)
120
dB
PD
Total Power Consumption
(Each Amplifier)
(Tamb =25°C, no load, no signal)
6
7.5
mW
SR
Slew Rate (Vi = 10V, RL= 10k
Ω, CL = 100pF,
AV = 1)
1.5
3.5
V/
μs
tr
Rise Time (Vi = 20mV, RL= 10k
Ω, CL =100pF,
AV = 1)
0.2
μs
KOV
Overshoot Factor (Vi = 20mV, RL= 10k
Ω, CL
=100pF, AV = 1)
(see figure 1)
10
%
en
Equivalent input Noise Voltage
(RS = 100
Ω, f = 1KHz)
42
nV
Hz
* Input bias currents of a FET- input operational amplifier are normal junction reverse currents, which are
temperature sensitive.
Pulse techniques must be used that will maintain the junction temperature as closes to the ambient temperature as
possible.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com