Electronic Components Datasheet Search
  English  ▼

X  

FTK6960P Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK6960P
Description  60V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK6960P Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK6960P Datasheet HTML 1Page - First Silicon Co., Ltd FTK6960P Datasheet HTML 2Page - First Silicon Co., Ltd FTK6960P Datasheet HTML 3Page - First Silicon Co., Ltd FTK6960P Datasheet HTML 4Page - First Silicon Co., Ltd FTK6960P Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
60V N-Channel MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
60
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current – Continuous (TC=25℃)
100
A
Drain Current – Continuous (TC=100℃)
63.2
A
IDM
Drain Current – Pulsed1
400
A
EAS
Single Pulse Avalanche Energy2
181
mJ
IAS
Single Pulse Avalanched Current2
60.1
A
PD
Power Dissipation (TC=25℃)
169
W
Power Dissipation – Derate above 25℃
1.35
W/℃
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
62
℃/W
RθJC
Thermal Resistance Junction to Case
---
0.74
℃/W
BVDSS
RDSON
ID
60V
6m
Ω
100A
These N-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
 60V,100A, RDS(ON) =6m
Ω @VGS = 10V
 Improved dv/dt capability
 Fast switching
 100% EAS Guaranteed
 Green Device Available
General Description
Features
Absolute Maximum Ratings (Tc=25℃ unless otherwise noted)
Thermal Characteristics
D
G
S
Applications
Motor Drive
Power Tools
LED Lighting
Quick Charger
1
1. Gate
2. Drain
3. Source
3
2
TO-220 Pin Configuration
2018. 11. 19
1/5
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
FTK6960P


Similar Part No. - FTK6960P

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK6960D FS-FTK6960D Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6960DFN56 FS-FTK6960DFN56 Datasheet
1Mb / 5P
60V N-Channel MOSFETs
More results

Similar Description - FTK6960P

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK6960DFN56 FS-FTK6960DFN56 Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6960D FS-FTK6960D Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6904Z FS-FTK6904Z Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6910 FS-FTK6910 Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6910D FS-FTK6910D Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6910P FS-FTK6910P Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6912I FS-FTK6912I Datasheet
895Kb / 5P
60V N-Channel MOSFETs
FTK6912T FS-FTK6912T Datasheet
800Kb / 5P
60V N-Channel MOSFETs
FTK6964 FS-FTK6964 Datasheet
680Kb / 5P
60V N-Channel MOSFETs
FTK6990DFN56 FS-FTK6990DFN56 Datasheet
1Mb / 5P
60V N-Channel MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com