Electronic Components Datasheet Search
  English  ▼

X  

FTK6903 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK6903
Description  60V P-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK6903 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK6903 Datasheet HTML 1Page - First Silicon Co., Ltd FTK6903 Datasheet HTML 2Page - First Silicon Co., Ltd FTK6903 Datasheet HTML 3Page - First Silicon Co., Ltd FTK6903 Datasheet HTML 4Page - First Silicon Co., Ltd FTK6903 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
60V P-Channel MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-60
V
VGS
Gate-Sou
rce Voltage
±20
V
ID
Drain Current – Continuous (TC=25
℃)
-8.5
A
Drain Current – Continuous (TC=100
℃)
-5.4
A
IDM
Drain Current – Pulsed1
-34
A
PD
Power Dissipation (TC=25
℃)
4.1
W
Power Dissipation – Derate above 25
℃
0.033
W/
℃
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJC
Thermal Resistance Junction to Case
---
30
℃/W
RθJA
Thermal Resistance Junction to Ambient
---
62
℃/W
BVDSS
RDSON
ID
-60V
30m
-8.5A
These P-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
-60V,-8.5A, RDS(ON) =30m
Ω@VGS = -10V
 Fast switching
 Green Device Available
 Suit for -4.5V Gate Drive Applications
General Description
Features
Applications
Absolute Maximum Ratings Tc=25℃ unless otherwise noted
Thermal Characteristics
SOP8 Pin Configuration
S
D
G
 POL Applications
 Load Switch
 LED Application
D
D
D
D
G
S
S
S
SEMICONDUCTOR
TECHNICAL DATA
Ω
2018. 02. 08
1/5
Revision No : 0
FTK6903


Similar Part No. - FTK6903

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK6903D FS-FTK6903D Datasheet
808Kb / 5P
60V P-Channel MOSFETs
FTK6903DD FS-FTK6903DD Datasheet
806Kb / 5P
60V P-Channel MOSFETs
More results

Similar Description - FTK6903

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS69P05 BWTECH-MS69P05 Datasheet
644Kb / 6P
60V P-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK2P7002S FS-FTK2P7002S Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK6903D FS-FTK6903D Datasheet
808Kb / 5P
60V P-Channel MOSFETs
FTK6905P FS-FTK6905P Datasheet
973Kb / 5P
60V P-Channel MOSFETs
FTK6907 FS-FTK6907 Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK6907I FS-FTK6907I Datasheet
891Kb / 5P
60V P-Channel MOSFETs
FTK6907Z FS-FTK6907Z Datasheet
997Kb / 5P
60V P-Channel MOSFETs
FTK6911 FS-FTK6911 Datasheet
923Kb / 5P
60V P-Channel MOSFETs
FTK6965AP FS-FTK6965AP Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK6901D FS-FTK6901D Datasheet
1,004Kb / 5P
60V P-Channel MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com