Electronic Components Datasheet Search
  English  ▼

X  

FTK6907 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK6907
Description  60V P-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK6907 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK6907 Datasheet HTML 1Page - First Silicon Co., Ltd FTK6907 Datasheet HTML 2Page - First Silicon Co., Ltd FTK6907 Datasheet HTML 3Page - First Silicon Co., Ltd FTK6907 Datasheet HTML 4Page - First Silicon Co., Ltd FTK6907 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
60V P-Channel MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-60
V
VGS
Gate-Sou
rce Voltage
± 25
V
ID
Drain Current – Continuous (TC=25℃)
-3.3
A
Drain Current – Continuous (TC=100℃)
-2.6
A
IDM
Drain Current – Pulsed
1
-13.2
A
EAS
Single Pulse Avalanche Energy
2
31
mJ
IAS
Single Pulse Avalanche Current
2
-25
A
PD
Power Dissipation (TC=25℃)
1.47
W
Power Dissipation – Derate above 25℃
0.012
W/℃
TSTG
Storage Temperature Range
-50 to 150
℃
TJ
Operating Junction Temperature Range
-50 to 150
℃
BVDSS
RDSON
ID
-60V
68m
Ω
-3.3A
These P-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
 -60V,-3.3A, RDS(ON) =68
mΩ@VGS = -10V
 Improved dv/dt capability
 Fast switching
 100% EAS Guaranteed
 Green Device Available
General Description
Features
Applications
 Motor Drive
 Power Tools
 LED Lighting
Absolute Maximum Ratings (Tc=25℃ unless otherwise noted)
Thermal Characteristics
SOP-8 Pin Configuration
D
G
S
2018. 06. 11
1/5
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
FTK6907
D
S
G
D
D
D
S
S
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
85
℃/W
1
5
4
8


Similar Part No. - FTK6907

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK6907D FS-FTK6907D Datasheet
951Kb / 5P
First Components International
FTK6907F FS-FTK6907F Datasheet
855Kb / 5P
60V P-Channel MOSFETs
FTK6907I FS-FTK6907I Datasheet
891Kb / 5P
60V P-Channel MOSFETs
FTK6907Z FS-FTK6907Z Datasheet
997Kb / 5P
60V P-Channel MOSFETs
More results

Similar Description - FTK6907

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS69P05 BWTECH-MS69P05 Datasheet
644Kb / 6P
60V P-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK2P7002S FS-FTK2P7002S Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK6903 FS-FTK6903 Datasheet
783Kb / 5P
60V P-Channel MOSFETs
FTK6903D FS-FTK6903D Datasheet
808Kb / 5P
60V P-Channel MOSFETs
FTK6905P FS-FTK6905P Datasheet
973Kb / 5P
60V P-Channel MOSFETs
FTK6907I FS-FTK6907I Datasheet
891Kb / 5P
60V P-Channel MOSFETs
FTK6907Z FS-FTK6907Z Datasheet
997Kb / 5P
60V P-Channel MOSFETs
FTK6911 FS-FTK6911 Datasheet
923Kb / 5P
60V P-Channel MOSFETs
FTK6965AP FS-FTK6965AP Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK6901D FS-FTK6901D Datasheet
1,004Kb / 5P
60V P-Channel MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com