Electronic Components Datasheet Search
  English  ▼

X  

FTK6907D Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK6907D
Description  First Components International
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK6907D Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK6907D Datasheet HTML 1Page - First Silicon Co., Ltd FTK6907D Datasheet HTML 2Page - First Silicon Co., Ltd FTK6907D Datasheet HTML 3Page - First Silicon Co., Ltd FTK6907D Datasheet HTML 4Page - First Silicon Co., Ltd FTK6907D Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
60V P-Channel MOSFETs
Symbol
Parameter
Typ.
Max.
Unit
RθJC
Thermal Resistance Junction to Case
---
6.1
℃/W
RθJA
Thermal Resistance Junction to Ambient
---
62
℃/W
BVDSS
RDSON
ID
-60V
68m
Ω
-13A
-60V,-13A, RDS(ON) =68m
Ω@VGS = -10V
 Fast switching
 Green Device Available
 Suit for -4.5V Gate Drive Applications
General Description
Features
Applications
Absolute Maximum Ratings (Tc=25℃ unless otherwise noted)
 POL Applications
 Load Switch
 LED Application
SEMICONDUCTOR
TECHNICAL DATA
FTK6907D
2018. 02. 08
1/5
Revision No : 0
These P-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
S
D
G
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-60
V
VGS
Gate-Sou
rce Voltage
± 25
V
ID
Drain Current – Continuous (TC=25℃)
-13
A
Drain Current – Continuous (TC=100℃)
-8
A
IDM
Drain Current – Pulsed
1
-52
A
EAS
Single Pulse Avalanche Energy
2
31
mJ
IAS
Single Pulse Avalanche Current
2
-25
A
PD
Power Dissipation (TC=25℃)
20
W
Power Dissipation – Derate above 25℃
0.16
W/℃
TSTG
Storage Temperature Range
-50 to 150
℃
TJ
Operating Junction Temperature Range
-50 to 150
℃
Thermal Characteristics
TO-252 Pin Configuration
1
1. Gate
2. Drain
3. Source
3
2


Similar Part No. - FTK6907D

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK6907 FS-FTK6907 Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK6907F FS-FTK6907F Datasheet
855Kb / 5P
60V P-Channel MOSFETs
FTK6907I FS-FTK6907I Datasheet
891Kb / 5P
60V P-Channel MOSFETs
FTK6907Z FS-FTK6907Z Datasheet
997Kb / 5P
60V P-Channel MOSFETs
More results

Similar Description - FTK6907D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT72211L TI1-SN74ACT72211L Datasheet
327Kb / 21P
SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT72211L15RJ TI-SN74ACT72211L15RJ Datasheet
305Kb / 21P
SYNCHRONOUS FIRST-IN FIRST-OUT MEMORIES
logo
List of Unclassifed Man...
BRT1615P-06 ETC2-BRT1615P-06 Datasheet
56Kb / 2P
International Components Corporation
logo
Texas Instruments
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
TE Connectivity Ltd
C-2834171 TEC-C-2834171 Datasheet
126Kb / 2P
FIRST VERSION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com