Electronic Components Datasheet Search
  English  ▼

X  

IL2902N Datasheet(PDF) 1 Page - Integral Corp.

Part # IL2902N
Description  Low Power Quad Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL2902N Datasheet(HTML) 1 Page - Integral Corp.

  IL2902N Datasheet HTML 1Page - Integral Corp. IL2902N Datasheet HTML 2Page - Integral Corp. IL2902N Datasheet HTML 3Page - Integral Corp. IL2902N Datasheet HTML 4Page - Integral Corp. IL2902N Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
IL2902
Low Power Quad Operational Amplifier
The IL2902 contains four independent high gain operational
amplifiers with internal frequency compensation. The four op-amps
operate over a wide voltage range from a single power supply. Also use a
split power supply. The device has low power supply current drain,
regardless of the power supply voltage. The low power drain also makes
the IL2902 a good choice for battery operation.
ORDERING INFORMATION
IL2902N
Plastic
IL2902D
SOIC
TA = -40° to +85° C
for all packages.
When your project calls for a traditional op-amp function, now you
can streamline your design with a simple single power supply. Use
ordinary +5VDC common to practically any digital system or personal
computer application, without requiring an extra 15V power supply just to
have the interface electronics you need.
The IL2902 is a versatile, rugged workhorse with a thousand-and-one
uses, from amplifying signals from a variety of transducers to dc gain
blocks, or any op-amp function. The attached pages offer some recipes
that will have your project cooking in no time.
•
Internally frequency compensated for unity gain
•
Large DC voltage gain: 100dB
•
Wide power supply range:
3V ~ 32V (or
±1.5V ~ ±16V)
•
Input common-mode voltage range includes ground
•
Large output voltage swing: 0V DC to VCC-1.5V DC
•
Power drain suitable for battery operation
•
Low input offset voltage and offset current
•
Differential input voltage range equal to the power supply voltage
LOGIC DIAGRAM
PIN 4 = VCC
PIN 11= GND
PIN ASSIGNMENT
1


Similar Part No. - IL2902N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL2902N IKSEMICON-IL2902N Datasheet
337Kb / 5P
Low Power Quad Operational Amplifier
IL2902N IKSEMICON-IL2902N Datasheet
310Kb / 5P
Low Power Quad Operational Amplifier
More results

Similar Description - IL2902N

ManufacturerPart #DatasheetDescription
logo
NEC
UPC324 NEC-UPC324 Datasheet
84Kb / 12P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
LOW POWER QUAD OPERATIONAL AMPLIFIER
Nov-2001
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
Low-Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902H STMICROELECTRONICS-LM2902H Datasheet
62Kb / 2P
Low Power Quad Operational Amplifier
Jul-2005
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902HD STMICROELECTRONICS-LM2902HD Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com