Electronic Components Datasheet Search
  English  ▼

X  

ADS131M06IPBS Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS131M06IPBS
Description  ADS131M06 6-Channel, Simultaneously-Sampling, 24-Bit, Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS131M06IPBS Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS131M06IPBS Datasheet HTML 17Page - Texas Instruments ADS131M06IPBS Datasheet HTML 18Page - Texas Instruments ADS131M06IPBS Datasheet HTML 19Page - Texas Instruments ADS131M06IPBS Datasheet HTML 20Page - Texas Instruments ADS131M06IPBS Datasheet HTML 21Page - Texas Instruments ADS131M06IPBS Datasheet HTML 22Page - Texas Instruments ADS131M06IPBS Datasheet HTML 23Page - Texas Instruments ADS131M06IPBS Datasheet HTML 24Page - Texas Instruments ADS131M06IPBS Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
8.3.3 Programmable Gain Amplifier (PGA)
Each channel of the ADS131M06 features an integrated programmable gain amplifier (PGA) that provides gains
of 1, 2, 4, 8, 16, 32, 64, and 128. The gains for all channels are individually controlled by the PGAGAINn bits for
each channel in the GAIN1 register.
Varying the PGA gain scales the differential full-scale input voltage range (FSR) of the ADC. Equation 3
describes the relationship between FSR and gain. Equation 3 uses the internal reference voltage, 1.2 V, as the
scaling factor without accounting for gain error caused by tolerance in the reference voltage.
FSR = ±1.2 V / Gain
(3)
Table 8-1 shows the corresponding full-scale ranges for each gain setting, assuming the internal reference is
used.
Table 8-1. Full-Scale Range
GAIN SETTING
FSR
1
±1.2 V
2
±600 mV
4
±300 mV
8
±150 mV
16
±75 mV
32
±37.5 mV
64
±18.75 mV
128
±9.375 mV
The input impedance of the PGA dominates the input impedance characteristics of the ADS131M06. The PGA
input impedance for gain settings up to 4 behaves according to Equation 4 without accounting for device
tolerance and change over temperature. Minimize the output impedance of the circuit that drives the
ADS131M06 inputs to obtain the best possible gain error, INL, and distortion performance.
330 kΩ × 4.096 MHz / fMOD
(4)
where:
• fMOD is the ΔΣ modulator frequency, fCLKIN / 2
The device uses an input precharge buffer for PGA gain settings of 8 and higher. The input impedance at these
gain settings is very high. Specifying the input bias current for these gain settings is therefore more useful. A plot
of input bias current for the high gain settings is provided in Figure 6-5.
8.3.4 Voltage Reference
The ADS131M06 has two reference voltage options: the internal reference and an external reference. The
internal reference uses a low-drift band-gap voltage to supply the reference for the ADC. The internal reference
has a nominal voltage of 1.2 V, allowing the differential input voltage to swing from –1.2 V to 1.2 V. The reference
circuitry starts up very quickly to accommodate the fast-startup feature of this device. The device waits until after
the reference circuitry is fully settled before generating conversion data. Do not place any capacitance on the
REFIN pin if the current-detect mode is used. See the Current-Detect Mode section for more details about the
current-detect mode.
The device also allows for an external reference voltage, which can be input at the REFIN pin. The nominal
external reference voltage is 1.25 V. The full-scale range of the ADC is 1.2 V / gain when the reference voltage is
1.25 V. The ADC full-scale range maintains the ratio of 1.2 to 1.25 for all recommended reference voltages. For
example, the ADC full-scale range is 1.248 V / gain if 1.3 V is applied to the REFIN pin instead of the nominal
1.25 V. The startup time for the external reference is governed by the external circuitry.
www.ti.com
ADS131M06
SBAS949A – FEBRUARY 2020 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ADS131M06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com