Electronic Components Datasheet Search
  English  ▼

X  

INA597 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA597
Description  INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA597 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA597 Datasheet HTML 2Page - Texas Instruments INA597 Datasheet HTML 3Page - Texas Instruments INA597 Datasheet HTML 4Page - Texas Instruments INA597 Datasheet HTML 5Page - Texas Instruments INA597 Datasheet HTML 6Page - Texas Instruments INA597 Datasheet HTML 7Page - Texas Instruments INA597 Datasheet HTML 8Page - Texas Instruments INA597 Datasheet HTML 9Page - Texas Instruments INA597 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
7.5 Electrical Characteristics: G = 1/2 (continued)
at VS = ±2.25 V to ±18 V, TA = 25°C, VCM = VOUT = VS / 2, RL = 10 kΩ connected to ground, and REF pin connected to
ground (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
IQ
Quiescent current
IOUT = 0 mA
TA = 25°C
1.1
1.2
mA
TA = –40°C to +125°C
1.5
mA
(1)
Specified by wafer test to 95% confidence level.
7.6 Electrical Characteristics: G = 2
at VS = ±2.25 V to ±18 V, TA = 25°C, VCM = VOUT = VS / 2, RL = 10 kΩ connected to ground, and REF pin connected to
ground (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE (RTO)
VOS
Input offset voltage
G = 2, RTO, TA = 25°C, VS = ±2.25 V to ±3 V ,
VCM = –1.5V
±28
±400
µV
G = 2, RTO, TA = 25°C, VS = ±3 V to ±18 V,
VCM = VS / 2
±28
±400
µV
dVOS/dT Input offset voltage drift
±1.4
±10
µV/°C
PSRR
Power-supply rejection
ratio
VS = ±2.25 V to ±18 V
±1
±5
µV/V
INPUT VOLTAGE
VCM
Common-mode voltage
VOUT = 0 V
1/2[3(V–)
+0.1]–VREF
1/2[3(V+)–
VREF]
V
CMRR
Common-mode rejection
ratio
RTO, 1.5 [(V−) – 0.1 V)]
≤ VCM ≤ 1.5 [(V+) – 3 V)]
TA = 25°C
82
94
dB
TA = –40°C to +125°C
80
84
dB
RTO, 1.5 [(V+) - 1.5 V)]
≤ VCM ≤ 1.5 [(V+))]
TA = 25°C
82
94
dB
TA = –40°C to +125°C
65
84
dB
INPUT IMPEDANCE
zid
Differential
VO = 0 V
12
kΩ
zic
Common-mode
9
kΩ
GAIN
G
Initial
2
V/V
GE
Gain error
VOUT = –10 V to +10 V, VS = ±15 V
±0.01
±0.03
%
Gain error drift (1)
±0.25
±0.5
ppm/°C
Gain nonlinearity
VOUT = –10 V to +10 V, VS = ±15 V
1
ppm
OUTPUT
VO
Output voltage swing
Positive rai
130
180
mV
Negative rail
140
180
mV
ISC
Short-circuit current
±65
mA
NOISE
Vn
Output voltage noise
f = 0.1 Hz to 10 Hz, RTO
6
μVpp
Output voltage noise
density
f = 1 kHz, RTO
36
nV/√Hz
FREQUENCY RESPONSE
GBW
Small signal bandwidth
Amplitude = –3 dB
0.8
MHz
SR
Slew rate
18
V/µs
tS
Settling time
To 0.1%
VOUT = 10-V step
1.0
µs
To 0.01%
VOUT = 10-V step
1.7
µs
INA597
SBOS385A – AUGUST 2019 – REVISED FEBRUARY 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA597



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com