Electronic Components Datasheet Search
  English  ▼

X  

INA132 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA132
Description  INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA132 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA132 Datasheet HTML 5Page - Texas Instruments INA132 Datasheet HTML 6Page - Texas Instruments INA132 Datasheet HTML 7Page - Texas Instruments INA132 Datasheet HTML 8Page - Texas Instruments INA132 Datasheet HTML 9Page - Texas Instruments INA132 Datasheet HTML 10Page - Texas Instruments INA132 Datasheet HTML 11Page - Texas Instruments INA132 Datasheet HTML 12Page - Texas Instruments INA132 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
6.7 Typical Characteristics
at TA = 25°C, VS = ±18 V, VCM = VOUT = VS / 2, RL = 10 kΩ, REF pin connected to ground, and G = 1/2 (unless otherwise
noted)
Table 6-1. Table of Graphs (continued)
DESCRIPTION
FIGURE
Settling Time G = 1/2
Figure 6-43
Settling Time G = 2
Figure 6-44
Large Signal Step Response G = 1/2
Figure 6-45
Large Signal Step Response G =2
Figure 6-46
Slew Rate over Temperature
Figure 6-47
Overload Recovery (Normalized to 0V)
Figure 6-48
Small-Signal Overshoot vs Capacitive Load G = 1/2
Figure 6-49
Small-Signal Overshoot vs Capacitive Load G = 2
Figure 6-50
Small-Signal Step Response G = 1/2
Figure 6-51
Small-Signal Step Response G = 2
Figure 6-52
THD+N vs Frequency G = 1/2
Figure 6-53
THD+N vs Frequency G = 2
Figure 6-54
THD+N Ratio vs Output Amplitude G = 1/2
Figure 6-55
THD+N Ratio vs Output Amplitude G = 2
Figure 6-56
Supply Current vs Temperature G = 1/2
Figure 6-57
Supply Current vs Temperature G = 2
Figure 6-58
Supply Current vs Supply Voltage G = 1/2
Figure 6-59
Supply Current vs Supply Voltage G = 2
Figure 6-60
Short Circuit Current vs Temperature G = 1/2
Figure 6-61
Short Circuit Current vs Temperature G = 2
Figure 6-62
Differential-Mode EMI Rejection Ratio G = 1/2
Figure 6-63
Differential-Mode EMI Rejection Ratio G = 2
Figure 6-64
Common-Mode EMI Rejection Ratio G = 1/2
Figure 6-65
Common-Mode EMI Rejection Ratio G = 2
Figure 6-66
Input Common-Mode Voltage vs Output Voltage G = 1/2, Bipolar Supply
Figure 6-67
Input Common-Mode Voltage vs Output Voltage G= 2, Bipolar Supply
Figure 6-68
Input Common-Mode Voltage vs Output Voltage G = 1/2, 5-V Supply
Figure 6-69
Input Common-Mode Voltage vs Output Voltage G = 2, 5-V Supply
Figure 6-70
Input Common-Mode Voltage vs Output Voltage G = 1/2, 36-V Supply
Figure 6-71
Input Common-Mode Voltage vs Output Voltage G = 2, 36-V Supply
Figure 6-72
Closed-Loop Output Impedance vs Frequency
Figure 6-73
www.ti.com
INA592
SBOS914E – OCTOBER 2018 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: INA592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com