Electronic Components Datasheet Search
  English  ▼

X  

2SC2497 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC2497
Description  Silicon NPN epitaxial planar type(For low-frequency power amplification)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC2497 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC2497 Datasheet HTML 1Page - Panasonic Semiconductor 2SC2497 Datasheet HTML 2Page - Panasonic Semiconductor 2SC2497 Datasheet HTML 3Page - Panasonic Semiconductor 2SC2497 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Power Transistors
188
2SC2497, 2SC2497A
Silicon NPN epitaxial planar type
For low-frequency power amplification
Complementary to 2SA1096 and 2SA1096A
I Features
• High collector to emitter voltage V
CEO
• TO-126B package which requires no insulation plate for installa-
tion to the heat sink
I Absolute Maximum Ratings T
C = 25°C
1 : Emitter
2 : Collector
3 : Base
TO-126B-A1 Package
Unit: mm
I Electrical Characteristics T
C = 25°C
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
70
V
Collector to
2SC2497
VCEO
50
V
emitter voltage
2SC2497A
60
Emitter to base voltage
VEBO
5V
Peak collector current
ICP
3A
Collector current
IC
1.5
A
Collector power dissipation
PC
1.2 *
1
W
5 *
2
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB = 20 V, IE = 0
1
µA
ICEO
VCE = 10 V, IB = 0
100
µA
Emitter cutoff current
IEBO
VEB = 5 V, IC = 0
10
µA
Collector to base voltage
VCBO
IC = 1 mA, IE = 0
70
V
Collector to emitter
2SC2497
VCEO
IC = 2 mA, IB = 0
50
V
voltage
2SC2497A
60
Forward current transfer ratio *
hFE
VCE = 5 V, IC = 1 A
80
220
Collector to emitter saturation voltage
VCE(sat)
IC = 1.5 A, IB = 0.15 A
1
V
Base to emitter saturation voltage
VBE(sat)
IC = 1.5 A, IB = 0.15 A
1.5
V
Transition frequency
fT
VCB = 5 V, IE = − 0.5 A, f = 200 MHz
150
MHz
Collector output capacitance
Cob
VCB = 20 V, IE = 0, f = 1 MHz
35
pF
Rank
R
S
hFE
80 to 160
120 to 220
8.0
+0.5
–0.1
3.2±0.2
0.75±0.1
0.5±0.1
2.3±0.2
4.6±0.2
0.5±0.1
1.76±0.1
123
φ 3.16±0.1
Note) *1: Without heat sink
*2: With a 100
× 100 × 2 mm A1 heat sink
Note) *: Rank classification


Similar Part No. - 2SC2497

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
106Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2497 ISC-2SC2497 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2497A SAVANTIC-2SC2497A Datasheet
106Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2497A ISC-2SC2497A Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC2497

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB941 PANASONIC-2SB941 Datasheet
47Kb / 2P
Silicon PNP epitaxial planar type(For low-frequency power amplification)
2SB942 PANASONIC-2SB942 Datasheet
47Kb / 2P
Silicon PNP epitaxial planar type(For low-frequency power amplification)
2SB967 PANASONIC-2SB967 Datasheet
43Kb / 2P
Silicon PNP epitaxial planar type(For low-frequency power amplification)
2SC3944 PANASONIC-2SC3944 Datasheet
42Kb / 2P
Silicon NPN epitaxial planar type(For low-frequency driver and high power amplification)
2SD1051 PANASONIC-2SD1051 Datasheet
40Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD2051 PANASONIC-2SD2051 Datasheet
57Kb / 2P
Silicon NPN epitaxial planar type Darlington(For low-frequency amplification)
2SD2621 PANASONIC-2SD2621 Datasheet
88Kb / 3P
Silicon NPN epitaxial planar type For low-frequency driver amplification
XN01558 PANASONIC-XN01558 Datasheet
78Kb / 3P
Silicon NPN epitaxial planar type For low-frequency amplification
DSC7003 PANASONIC-DSC7003 Datasheet
315Kb / 3P
Silicon NPN epitaxial planar type For low frequency output amplification
DSA7504 PANASONIC-DSA7504 Datasheet
317Kb / 3P
Silicon PNP epitaxial planar type For low frequency amplification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com