Electronic Components Datasheet Search
  English  ▼

X  

MM3Z20B Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MM3Z20B
Description  Silicon Planar zener diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MM3Z20B Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MM3Z20B Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MM3Z20B Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MM3Z20B Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MM3Z20B Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MM3Z2V2B~MM3Z39B
Silicon Planar zener diodes
Features
• Total power dissipation : max. 300 mW
• Small plastic package suitable for
surface mounted design
• High reliability
Description
Silicon planar Zener diode in a small plastic
SMD SC-76 package
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
300
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient Air
RthA
417
O
C/W
Forward Voltage
at IF = 10 mA
VF
0.9
V
Anode
2
Top View
Simplified outline SC-76 and symbol
1
2
PINNING
1
PIN
Cathode
DESCRIPTION
Rev :
www.leiditech.com
01.06.2015
1/4


Similar Part No. - MM3Z20B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM3Z20B EIC-MM3Z20B Datasheet
93Kb / 2P
ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM3Z20B HTSEMI-MM3Z20B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
logo
Diotec Semiconductor
MM3Z20B DIOTEC-MM3Z20B Datasheet
103Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
EIC discrete Semiconduc...
MM3Z20B EIC-MM3Z20B Datasheet
119Kb / 2P
ZENER DIODES
logo
Diotec Semiconductor
MM3Z20B DIOTEC-MM3Z20B Datasheet
139Kb / 2P
SMD Planar Zener Diodes
More results

Similar Description - MM3Z20B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com