Electronic Components Datasheet Search
  English  ▼

X  

FTK7000 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK7000
Description  High density cell design for low RDS(ON)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7000 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK7000 Datasheet HTML 1Page - First Silicon Co., Ltd FTK7000 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2011.12. 13
2/2
FTK7000
Revision No : 0
0.0
0.2
0.4
0.6
0.8
1.0
0
2
4
6
8
10
0
2
4
6
8
10
0.0
0.2
0.4
0.6
0.8
1.0
0.4
0.6
0.8
1.0
1.2
1E-3
0.01
0.1
1
0
4
8
12
16
20
0
1
2
3
4
5
6
02
4
6
8
10
12
0.0
0.3
0.6
0.9
1.2
1.5
1.8
Ta=25℃
Pulsed
I
D
——
R
DS(ON)
VGS= 4.5V
VGS=10V
DRAIN CURRENT I
D
(A)
Ta=25℃
Pulsed
Transfer Characteristics
GATE TO SOURCE VOLTAGE V
GS
(V)
V
SD
I
S ——
Ta=25℃
Pulsed
SOURCE TO DRAIN VOLTAGE V
SD
(V)
I
D=500mA
Ta=25℃
Pulsed
V
GS
——
R
DS(ON)
GATE TO SOURCE VOLTAGE V
GS
(V)
Ta=25℃
Pulsed
10V
9V
8V
7V
Output Characteristics
6V
5V
4V
V
GS=3V
DRA N TO SOURCE VOLTAGE V
DS
(V)
Typical Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com