Electronic Components Datasheet Search
  English  ▼

X  

FTK7002D Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK7002D
Description  Dual Small Signal MOSFET 115 mAmps, 60 Volts N-Channel SC-88
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7002D Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK7002D Datasheet HTML 1Page - First Silicon Co., Ltd FTK7002D Datasheet HTML 2Page - First Silicon Co., Ltd FTK7002D Datasheet HTML 3Page - First Silicon Co., Ltd FTK7002D Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2012. 01.25
1/4
SEMICONDUCTOR
TECHNICAL DATA
FTK7002D
Revision No : 0
Device
Marking
Shipping
ORDERING INFORMATION
FTK7002D
702
3000 Tape & Reel
MAXIMUM RATINGS
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
Per Device
FR
−5 Board (Note 1)
TA = 25°C
Derate Above 25
°C
PD
380
250
3.0
mW
mW/
°C
Thermal Resistance,
Junction to Ambient
R JA
328
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
−55 to +150
°C
1. FR
−5 = 1.0 x 0.75 x 0.062 in
Rating
Symbol
Value
Unit
Drain−Source Voltage
VDSS
60
Vdc
Drain
−Gate Voltage (RGS = 1.0 M )
VDGR
60
Vdc
Drain Current
− Continuous TC = 25°C (Note 1)
TC = 100°C (Note 1)
− Pulsed (Note 2)
ID
ID
IDM
±115
±75
±800
mAdc
Gate−Source Voltage
− Continuous
− Non−repetitive (tp ≤50 s)
VGS
VGSM
±20
±40
Vdc
Vpk
Dual Small Signal MOSFET
115 mAmps, 60 Volts
N-Channel SC-88
S
1
D
1
D
2
S
2
G
1
G
2
1
2
3
4
5
6
• We declare that the material of product are Halogen Free and
compliance with RoHS requirements.
ESD Protected:1000V
•
•


Similar Part No. - FTK7002D

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK7002 FS-FTK7002 Datasheet
248Kb / 4P
Small Signal MOSFET 300 mAmps, 60 Volts N?밅hannel SOT??3
FTK7002EN FS-FTK7002EN Datasheet
291Kb / 5P
Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection
FTK7002K FS-FTK7002K Datasheet
370Kb / 6P
Small Signal MOSFET 380 mAmps, 60 Volts
FTK7002KDFN1006 FS-FTK7002KDFN1006 Datasheet
426Kb / 5P
Low On-Resistance
FTK7002T FS-FTK7002T Datasheet
680Kb / 5P
High density cell design for low RDS(ON)
More results

Similar Description - FTK7002D

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2N7003LT1 LRC-L2N7003LT1 Datasheet
149Kb / 3P
Small Signal MOSFET 115 mAmps, 60 Volts
L2N7002LT1 LRC-L2N7002LT1 Datasheet
70Kb / 3P
Small Signal MOSFET 115 mAmps, 60 Volts
L2N7002DW1T1G LRC-L2N7002DW1T1G Datasheet
569Kb / 6P
Small Signal MOSFEO 115 mAmps, 60 Volts
L2N7002DMT1G LRC-L2N7002DMT1G Datasheet
522Kb / 6P
Small Signal MOSFET 115 mAmps, 60 Volts N?밅hannel SC??4
L2N7002EM3T5G LRC-L2N7002EM3T5G Datasheet
247Kb / 4P
Small Signal MOSFET 115 mAmps, 60 Volts
L2N7002KDW1T1G LRC-L2N7002KDW1T1G Datasheet
602Kb / 6P
Small Signal MOSFET380 mAmps, 60 Volts N?밅hannel SC-88
L2N7002M3T5G LRC-L2N7002M3T5G Datasheet
173Kb / 4P
Small Signal MOSFET 115 mAmps, 60 Volts
logo
Shenzhen Huazhimei Semi...
HM7002DM HMSEMI-HM7002DM Datasheet
326Kb / 5P
Small Signal MOSFET 115 mAmps, 60 Volts
HM7002JR HMSEMI-HM7002JR Datasheet
398Kb / 4P
Small Signal MOSFET 115 mAmps, 60 Volts
logo
First Silicon Co., Ltd
FTK7002U FS-FTK7002U Datasheet
734Kb / 4P
Small Signal MOSFET 115 mAmps, 60 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com