Electronic Components Datasheet Search
  English  ▼

X  

FTK8974P Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK8974P
Description  8 0V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK8974P Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK8974P Datasheet HTML 1Page - First Silicon Co., Ltd FTK8974P Datasheet HTML 2Page - First Silicon Co., Ltd FTK8974P Datasheet HTML 3Page - First Silicon Co., Ltd FTK8974P Datasheet HTML 4Page - First Silicon Co., Ltd FTK8974P Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
80V N-Channel MOSFETs
BVDSS
RDSON
ID
80V
3.9mΩ
120A
These N-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
General Description
Absolute Maximum Ratings (Tc=25℃ unless otherwise noted)
Thermal Characteristics
TO-220 Pin Configuration
D
S
D
G
S
G
2018. 06. 25
1/5
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
FTK8974P
 80V,120A, RDS(ON) =3.9m
Ω@VGS = 10V
 Improved dv/dt capability
 Fast switching
 100% EAS Guaranteed
 Green Device Available
Features
Applications
 Networking
 Load Switch
 LED applications
 Quick Charger
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
80
V
VGS
Gate-Sou
rce Voltage
+20/-12
V
ID
Drain Current – Continuous (TC=25
℃)
120
A
Drain Current – Continuous (TC=100
℃)
76
A
IDM
Drain Current – Pulsed1
480
A
EAS
Single Pulse Avalanche Energy2
245
mJ
IAS
Single Pulse Avalanche Current2
70
A
PD
Power Dissipation (TC=25
℃)
184
W
Power Dissipation – Derate above 25
℃
1.47
W/
℃
TSTG
Storage Temperature Range
-50 to 150
℃
TJ
Operating Junction Temperature Range
-50 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
62
℃/W
RθJC
Thermal Resistance Junction to Case
---
0.68
℃/W


Similar Part No. - FTK8974P

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK8974DFN56 FS-FTK8974DFN56 Datasheet
1Mb / 5P
80V N-Channel MOSFETs
More results

Similar Description - FTK8974P

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
50N06B KIA-50N06B Datasheet
399Kb / 6P
50A,60V N-CHANNEL MOSFET
Rev 1.1 JAN 2014
2300 KIA-2300 Datasheet
311Kb / 5P
6.0A竊?0V N-CHANNEL MOSFET
2806A KIA-2806A Datasheet
545Kb / 24P
160A竊?0V N-CHANNEL MOSFET
3205S KIA-3205S Datasheet
486Kb / 6P
130A竊?0V N-CHANNEL MOSFET
3308A KIA-3308A Datasheet
478Kb / 7P
80A竊?0V N-CHANNEL MOSFET
KNX1906B KIA-KNX1906B Datasheet
205Kb / 5P
230A竊?0V N-CHANNEL MOSFET
KNX3403A KIA-KNX3403A Datasheet
226Kb / 7P
85A竊?0V N-CHANNEL MOSFET
KNX8103A KIA-KNX8103A Datasheet
235Kb / 5P
30A竊?0V N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK2612AD FS-FTK2612AD Datasheet
1Mb / 5P
2 0V N-Channel MOSFETs
FTK3960P FS-FTK3960P Datasheet
1Mb / 5P
3 0V N-Channel MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com