Electronic Components Datasheet Search
  English  ▼

X  

FTK9435 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK9435
Description  High Power and current handing capability
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK9435 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK9435 Datasheet HTML 1Page - First Silicon Co., Ltd FTK9435 Datasheet HTML 2Page - First Silicon Co., Ltd FTK9435 Datasheet HTML 3Page - First Silicon Co., Ltd FTK9435 Datasheet HTML 4Page - First Silicon Co., Ltd FTK9435 Datasheet HTML 5Page - First Silicon Co., Ltd FTK9435 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
Q9435
FTK9435
SOP-8
Ø330mm
12mm
2500 units
ABSOLUTE MAXIMUM RATINGS(TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
ID
-5.3
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
-20
A
Maximum Power Dissipation
PD
2.5
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
50
/W
℃
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250
μA
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS=-24V,VGS=0V
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
±100
nA
ON CHARACTERISTICS (Note 3)
GENERAL FEATURES
● VDS = -30V,ID = -5.3A
RDS(ON) < 85m
Ω @ VGS=-4.5V
RDS(ON) < 53m
Ω @ VGS=-10V
● High Power and current handing capability
● Lead free product is acquired
● Surface Mount Package
DESCRIPTION
The FTK9435 uses advanced trench technology to
provide excellent RDS(ON), low gate charge .It has been
optimized for power management applications requiring
a wide range of gave drive voltage ratings (4.5V – 25V).
Application
●Battery protection
●Load switch
●Power management
D
G
S
Schematic diagram
G
S
S
S
4
1
D
5
8
Q9435
Marking and pin Assignment
SOP-8
top view
FTK9435
SEMICONDUCTOR
TECHNICAL DATA
2009. 09. 25
1/6
Revision No : 1
2
3
6
7
D
D
D


Similar Part No. - FTK9435

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK9451 FS-FTK9451 Datasheet
284Kb / 2P
P-Channel 20-V(D-S) MOSFET
FTK9452 FS-FTK9452 Datasheet
337Kb / 2P
N-Channel 20-V(D-S) MOSFET
More results

Similar Description - FTK9435

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2816E SILIKRON-SSF2816E Datasheet
331Kb / 5P
High Power and current handing capability
SSF8421 SILIKRON-SSF8421 Datasheet
325Kb / 4P
High Power and current handing capability
SSF32E0E SILIKRON-SSF32E0E Datasheet
237Kb / 5P
High Power and current handing capability
SSF1341 SILIKRON-SSF1341 Datasheet
375Kb / 7P
High Power and current handing capability
SSF2485 SILIKRON-SSF2485 Datasheet
352Kb / 5P
High Power and current handing capability
SSF2814E SILIKRON-SSF2814E Datasheet
292Kb / 5P
High Power and current handing capability
SSF3314E SILIKRON-SSF3314E Datasheet
212Kb / 5P
High Power and current handing capability
SSF3365 SILIKRON-SSF3365 Datasheet
233Kb / 5P
High Power and current handing capability
logo
GOOD-ARK Electronics
GDSSF2418EBK GOOD-ARK-GDSSF2418EBK Datasheet
483Kb / 4P
High Power and current handing capability
logo
First Silicon Co., Ltd
FTK3341 FS-FTK3341 Datasheet
398Kb / 6P
High Power and current handing capability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com