Electronic Components Datasheet Search
  English  ▼

X  

FTV18BU32 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTV18BU32
Description  Transient Voltage Suppressors for ESD Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTV18BU32 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTV18BU32 Datasheet HTML 1Page - First Silicon Co., Ltd FTV18BU32 Datasheet HTML 2Page - First Silicon Co., Ltd FTV18BU32 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2013. 11. 29
2/3
Revision No : 0
FTVXXBU32
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse leakage Current @ VRWM
IT
Test Current
VB
Breakdown Voltage @ IT
Part Number
Device
Marking
VRWM
(V)
(Max.)
VB
(V)
(Min.)
IT
(mA)
VC
@1A
(Max.)
VC
IR
( A)
(Max.)
C
(pF)
(Typ.)
(Max.)
(@A)
FTV03BU32
2A
3.3
4.0
1
7.5
16
25
200
350
2B
5
6.0
1
9.8
17
24
10
260
2C
8
8.5
1
13.4
20
18
5
120
2D
12
13.3
1
19
25
13
1
110
2J
15
16.7
1
24
30
6
1
100
2K
18
19.0
1
28
35
8
1
90
2H
24
26.7
1
43
52
6
1
75
2N
36
40
1
60
75
4
1
35
2P
48
50
1
65
85
3
1
25
Fig1. 8/20 s Pulse Waveform
Fig2. ESD Pulse Waveform (according to IEC 61000-4-2)
I-V Curve Characteristics
Electrical Characteristics (@ 25 Unless Otherwise Specified )
Characteristic Curves
0
5
10
15
20
25
30
120
tr
100
80
60
40
20
0
Peak Value IPP
td=t IPP/2
TEST
WAVEFORM
PARAMETERS
tr=8 s
td=20 s
t - Time ( s)
60ns
10%
30ns
tr = 0.7~1ns
Time (ns)
90%
100%
I
IPP
V
IT
IR
VRWM VB VC
IT
IR
IPP
VRWM
VB
VC
Bi-directional
FTV05BU32
FTV08BU32
FTV12BU32
FTV15BU32
FTV18BU32
FTV24BU32
FTV36BU32
FTV48BU32



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com