Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS138 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS138
Description  SN74HCS138-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS138 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HCS138 Datasheet HTML 2Page - Texas Instruments SN74HCS138 Datasheet HTML 3Page - Texas Instruments SN74HCS138 Datasheet HTML 4Page - Texas Instruments SN74HCS138 Datasheet HTML 5Page - Texas Instruments SN74HCS138 Datasheet HTML 6Page - Texas Instruments SN74HCS138 Datasheet HTML 7Page - Texas Instruments SN74HCS138 Datasheet HTML 8Page - Texas Instruments SN74HCS138 Datasheet HTML 9Page - Texas Instruments SN74HCS138 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6.6 Switching Characteristics
CL = 50 pF; over operating free-air temperature range (unless otherwise noted). See Parameter Measurement Information.
PARAMETER
FROM
TO
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
tpd
Propagation delay
A, B, or C Any Y
2 V
21
33
53
ns
4.5 V
8
12
19
6 V
7
11
16
G
Any Y
2 V
22
33
54
4.5 V
8
12
19
6 V
7
11
16
tt
Transition-time
Any output
2 V
9
17
ns
4.5 V
5
8
6 V
4
7
6.7 Operating Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
Cpd
Power dissipation capacitance
per gate
No load
2 V to 6 V
40
pF
SN74HCS138-Q1
SCLS811B – SEPTEMBER 2020 – REVISED MARCH 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN74HCS138-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com