Electronic Components Datasheet Search
  English  ▼

X  

MSP3400G Datasheet(PDF) 39 Page - Micronas

Part # MSP3400G
Description  Multistandard Sound Processor Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400G Datasheet(HTML) 39 Page - Micronas

Back Button MSP3400G Datasheet HTML 35Page - Micronas MSP3400G Datasheet HTML 36Page - Micronas MSP3400G Datasheet HTML 37Page - Micronas MSP3400G Datasheet HTML 38Page - Micronas MSP3400G Datasheet HTML 39Page - Micronas MSP3400G Datasheet HTML 40Page - Micronas MSP3400G Datasheet HTML 41Page - Micronas MSP3400G Datasheet HTML 42Page - Micronas MSP3400G Datasheet HTML 43Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
DATA SHEET
MSP 34x0G
Micronas
May 27, 2003; 6251-476-1DS
39
00 69hex
Micronas BASS Amplitude Limit
bit[15:8]
00hex
0 dBFS (default limitation)
FFhex
−1dBFS
...
E0hex
−32 dBFS
bit[7:0]
00hex
must be zero
The Micronas BASS Amplitude Limit defines the maximum allowed amplitude at
the output of the MB relative to 0 dbFS. If the amplitude exceeds MB_LIM, the
gain of the MB is automatically reduced. Note that the Volume Clipping Mode
must be set to “dynamic” (see page 32).
MB_LIM
00 6Ahex
Micronas BASS Harmonic Content
bit[15:8]
00hex
no harmonics are added (default)
3Fhex
50% fundamentals + 50% harmonics
7Fhex
100% harmonics
bit[7:0]
00hex
must be zero
MB creates harmonics of the frequencies below the MB highpass frequency
(MB_HP). The variable MB_HMC describes the ratio of the harmonics towards
the original signal.
MB_HMC
00 6Bhex
Micronas BASS Low Pass Corner Frequency
bit[15:8]
5dec
50 Hz
6dec
60 Hz
...
30dec
300 Hz
bit[7:0]
00dec
must be zero
The MB lowpass corner frequency (range 50...300 Hz) defines the upper corner
frequency of the MB bandpass filter. Recommended values are the same as for
the MB highpass corner frequency (MB_HP).
MB_LP
00 6Chex
Micronas BASS High Pass Corner Frequency
bit[15:8]
3dec
30 Hz
4dec
40 Hz
...
30dec
300 Hz
bit[7:0]
00hex
must be zero
The MB highpass corner frequency defines the lower corner frequency of the
MB bandpass filter. The highpass filter avoids loading the loudspeakers with low
frequency components that are below the speakers’ cut off frequency. Recom-
mended values for subwoofer systems are around 5dec (=50 Hz), for regular TV
sets around 10dec (=100 Hz).
MB_HP
Table 3–11: Write Registers on I2C Subaddress 12hex, continued
Register
Address
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com