Electronic Components Datasheet Search
  English  ▼

X  

MSP34X0G Datasheet(PDF) 22 Page - Micronas

Part # MSP34X0G
Description  Multistandard Sound Processor Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP34X0G Datasheet(HTML) 22 Page - Micronas

Back Button MSP34X0G Datasheet HTML 18Page - Micronas MSP34X0G Datasheet HTML 19Page - Micronas MSP34X0G Datasheet HTML 20Page - Micronas MSP34X0G Datasheet HTML 21Page - Micronas MSP34X0G Datasheet HTML 22Page - Micronas MSP34X0G Datasheet HTML 23Page - Micronas MSP34X0G Datasheet HTML 24Page - Micronas MSP34X0G Datasheet HTML 25Page - Micronas MSP34X0G Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 106 page
background image
MSP 34x0G
DATA SHEET
22
May 27, 2003; 6251-476-1DS
Micronas
Table 3–6: List of MSP 34x0G Read Registers
Read Register
Address
(hex)
Bits
Description and Adjustable Range
See
Page
I2C Subaddress = 11hex ; Registers are not writable
STANDARD RESULT
00 7E
[15:0]
Result of Automatic Standard Detection (see Table 3–8 on page 25)
28
STATUS
02 00
[15:0]
Monitoring of internal settings e.g. Stereo, Mono, Mute etc. .
28
I2C Subaddress = 13hex ; Registers are not writable
Quasi peak readout left
00 19
[15:0]
[00hex ... 7FFFhex]16 bit two’s complement
42
Quasi peak readout right
00 1A
[15:0]
[00hex ... 7FFFhex]16 bit two’s complement
42
MSP hardware version code
00 1E
[15:8]
[00hex ... FFhex]42
MSP major revision code
[7:0]
[00hex ... FFhex]42
MSP product code
00 1F
[15:8]
[00hex ... FFhex]42
MSP ROM version code
[7:0]
[00hex ... FFhex]42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com