Electronic Components Datasheet Search
  English  ▼

X  

19300160271 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 19300160271
Description  Han B Base Surface HC 2 Levers 2x M25
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

19300160271 Datasheet(HTML) 1 Page - HARTING Technology Group

  19300160271 Datasheet HTML 1Page - HARTING Technology Group 19300160271 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
19 30 016 0271
Han B Base Surface HC 2 Levers 2x M25
Han B Base Surface HC 2 Levers 2x M25
Image is for illustration purposes only. Please refer to product description.
Part number
19 30 016 0271
Specification
Han B Base Surface HC 2 Levers 2x
M25
HARTING eCatalogue
https://b2b.harting.com/19300160271
Identification
Category
Hoods/Housings
Series of hoods/housings
Han® B
Type of hood/housing
Surface mounted housing
Type
High construction
Version
Locking type
Double locking lever
Han-Easy Lock®
Yes
Size
16 B
Version
Side entry
Cable entry
2x M25
Field of application
Standard hoods/housings for industrial connectors
Technical characteristics
Limiting temperature
-40 ... +125 °C
Degree of protection acc. to IEC 60529
IP65
Type rating acc. to UL 50 / UL 50E
4
4X
12
Material properties
Material (hood/housing)
Aluminium die-cast
Surface (hood/housing)
Powder-coated
Colour (hood/housing)
RAL 7037 (dust grey)
Page 1 / 2 | Creation date 2021-02-25 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric GmbH & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 19300160271

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
19300160272 HARTING-19300160272 Datasheet
525Kb / 2P
Han B Base Surface HC 2 Levers 2 x M32
19300160273 HARTING-19300160273 Datasheet
636Kb / 2P
Han B Base Surf. HC 2 Levers 2 x M40
More results

Similar Description - 19300160271

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-30-016-0270 HARTING-09-30-016-0270 Datasheet
468Kb / 2P
Han B Base Surface HC 2 Levers 2 Entries
09-30-024-0270 HARTING-09-30-024-0270 Datasheet
514Kb / 2P
Han B Base Surface HC 2 Levers 2 Entries
19-20-032-0231 HARTING-19-20-032-0231 Datasheet
500Kb / 2P
Han A Base Surface HC 2 Levers 1 x M25
19-30-010-0231 HARTING-19-30-010-0231 Datasheet
525Kb / 2P
Han B Base Surface HC 2 Levers 1 x M25
19-30-016-0272 HARTING-19-30-016-0272 Datasheet
525Kb / 2P
Han B Base Surface HC 2 Levers 2 x M32
19-30-016-1231 HARTING-19-30-016-1231 Datasheet
468Kb / 2P
Han B Base Surface LC 2 Levers 1 x M25
09-30-024-0271 HARTING-09-30-024-0271 Datasheet
514Kb / 2P
Han B Base Surface HC 2 Levers 2 Entries
2021-10-01
09-30-032-0271 HARTING-09-30-032-0271 Datasheet
512Kb / 2P
Han B Base Surface HC 2 Levers 2 Entries
2021-10-01
09-30-032-0272 HARTING-09-30-032-0272 Datasheet
512Kb / 2P
Han B Base Surface HC 2 Levers 2 Entries
2021-10-01
09-30-032-0273 HARTING-09-30-032-0273 Datasheet
512Kb / 2P
Han B Base Surface HC 2 Levers 2 Entries
2021-10-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com