Electronic Components Datasheet Search
  English  ▼

X  

NSMD025 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # NSMD025
Description  RoHS Compliant Halogen Free
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

NSMD025 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  NSMD025 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd NSMD025 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd NSMD025 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd NSMD025 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd NSMD025 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd NSMD025 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Thermal Derating Chart-IH(A)
Rev :
www.leiditech.com
01.06.2018
2/6
Model No.
Marking on
sample
A
B
C
D
E
Min
Max
Min
Max
Min
Max
Min
Min
nSMD050-16
JG
3.00
3.50
1.50
1.80
0.35
0.85
0.15
0.10
nSMD050-24
JG
3.00
3.50
1.50
1.80
0.35
0.85
0.15
0.10
nSMD075
JA
3.00
3.50
1.50
1.80
0.35
0.85
0.15
0.10
nSMD075-13.2
JA
3.00
3.50
1.50
1.80
0.35
0.85
0.15
0.10
nSMD075-16
JA
3.00
3.50
1.50
1.80
0.60
1.30
0.15
0.10
nSMD100
JH
3.00
3.50
1.50
1.80
0.40
0.80
0.15
0.10
nSMD100-13.2
JH
3.00
3.50
1.50
1.80
0.40
1.30
0.15
0.10
nSMD100-16
JH
3.00
3.50
1.50
1.80
0.40
1.30
0.15
0.10
nSMD110
JH
3.00
3.50
1.50
1.80
0.40
0.80
0.15
0.10
nSMD150
JI
3.00
3.50
1.50
1.80
0.60
1.50
0.15
0.10
nSMD200
JK
3.00
3.50
1.50
1.80
0.70
1.70
0.15
0.10
Part number
Maximum ambient operating temperatures(℃)
-40
-20
0
25
40
50
60
70
85
nSMD005
0.09
0.08
0.06
0.05
0.04
0.036
0.033
0.029
0.02
nSMD010
0.18
0.16
0.12
0.1
0.08
0.072
0.066
0.058
0.04
nSMD010-33
0.18
0.16
0.12
0.1
0.08
0.072
0.066
0.058
0.04
nSMD012
0.216
0.192
0.144
0.12
0.096
0.086
0.079
0.070
0.048
nSMD016
0.288
0.256
0.192
0.160
0.128
0.115
0.106
0.093
0.064
nSMD020
0.31
0.26
0.22
0.20
0.18
0.16
0.15
0.13
0.07
nSMD025
0.37
0.33
0.29
0.25
0.22
0.20
0.17
0.15
0.12
nSMD030
0.444
0.396
0.348
0.30
0.264
0.24
0.204
0.18
0.144
nSMD035
0.50
0.45
0.40
0.35
0.30
0.27
0.24
0.21
0.15
nSMD050
0.71
0.64
0.57
0.50
0.42
0.39
0.35
0.31
0.25
nSMD050-13.2
0.71
0.64
0.57
0.50
0.42
0.39
0.35
0.31
0.25
nSMD050-16
0.71
0.64
0.57
0.50
0.42
0.39
0.35
0.31
0.25
nSMD050-24
0.639
0.576
0.513
0.50
0.378
0.351
0.315
0.279
0.225
nSMD075
1.14
1.01
0.88
0.75
0.65
0.59
0.54
0.49
0.41
nSMD100
1.45
1.31
1.15
1.00
0.84
0.77
0.69
0.61
0.48
nSMD100-13.2
1.305
1.179
1.035
1.00
0.756
0.693
0.621
0.549
0.432
nSMD100-16
1.305
1.179
1.035
1.00
0.756
0.693
0.621
0.549
0.432
nSMD110
1.595
1.441
1.265
1.10
0.924
0.847
0.759
0.671
0.528
nSMD150
2.18
1.94
1.72
1.50
1.28
1.17
1.06
0.96
0.77
nSMD200
2.60
2.44
2.35
2.00
1.78
1.67
1.50
1.45
1.10
NSMD1206 Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com