Electronic Components Datasheet Search
  English  ▼

X  

NSMD030 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # NSMD030
Description  RoHS Compliant Halogen Free
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

NSMD030 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  NSMD030 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd NSMD030 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd NSMD030 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd NSMD030 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd NSMD030 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd NSMD030 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features:
RoHS Compliant & Halogen Free
faster tripping, 1206
Dimension,
Surface mountable, Solid state
Operation Current: 0.05A~2.00A
Maximum Voltage: 6V~60Vdc
Operating Temperature:-40℃TO 85℃
Agency recognition:UL、CSA、TUV
Product Dimensions
Pig.1
Terminal pad materials :Tin-Plated Nickle-copper
Terminal pad solderability : Meets EIA specification
RS 186-9E and ANSI/J-STD-002 Category 3.
Rev :
www.leiditech.com
01.06.2018
1/6
Unit :mm
Model No.
Marking on
sample
A
B
C
D
E
Min
Max
Min
Max
Min
Max
Min
Min
nSMD005
JZ
3.00
3.50
1.50
1.80
0.60
1.10
0.15
0.10
nSMD010
JN
3.00
3.50
1.50
1.80
0.60
1.10
0.15
0.10
nSMD010-33
JN
3.00
3.50
1.50
1.80
0.50
1.10
0.15
0.10
nSMD012
JN
3.00
3.50
1.50
1.80
0.60
1.10
0.15
0.10
nSMD016
JF
3.00
3.50
1.50
1.80
0.40
0.90
0.15
0.10
nSMD020
JF
3.00
3.50
1.50
1.80
0.40
0.90
0.15
0.10
nSMD025
JF
3.00
3.50
1.50
1.80
0.40
0.90
0.15
0.10
nSMD030
JB
3.00
3.50
1.50
1.80
0.40
0.90
0.15
0.10
nSMD035
JB
3.00
3.50
1.50
1.80
0.40
0.90
0.15
0.10
nSMD050
JG
3.00
3.50
1.50
1.80
0.35
0.85
0.15
0.10
nSMD050-13.2
JG
3.00
3.50
1.50
1.80
0.35
0.85
0.15
0.10
NSMD1206 Series


Similar Part No. - NSMD030

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NSMD030 HUAXINAN-NSMD030 Datasheet
405Kb / 7P
Resettable Fuse PTC SMD1206 Series
More results

Similar Description - NSMD030

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
RoHS Compliant, Halogen Free
logo
YAGEO Corporation
PF2512FKF070R01L YAGEO-PF2512FKF070R01L Datasheet
332Kb / 10P
RoHS compliant & Halogen free
logo
Advanced Power Electron...
AP1332GEU-HF A-POWER-AP1332GEU-HF_16 Datasheet
64Kb / 5P
RoHS Compliant & Halogen-Free
AP2301AGN-HF A-POWER-AP2301AGN-HF_16 Datasheet
66Kb / 5P
RoHS Compliant & Halogen-Free
AP95T10GP-HF A-POWER-AP95T10GP-HF_16 Datasheet
67Kb / 5P
RoHS Compliant & Halogen-Free
AP97T07GP-HF A-POWER-AP97T07GP-HF_16 Datasheet
99Kb / 5P
RoHS Compliant & Halogen-Free
AP9440GYT-HF A-POWER-AP9440GYT-HF_16 Datasheet
61Kb / 5P
RoHS Compliant & Halogen-Free
AP2625GY-HF A-POWER-AP2625GY-HF_16 Datasheet
68Kb / 5P
RoHS Compliant & Halogen-Free
AP4224LGM A-POWER-AP4224LGM_16 Datasheet
113Kb / 6P
RoHS Compliant & Halogen-Free
logo
Shanghai Leiditech Elec...
SMD2920P100TF-60 LEIDITECH-SMD2920P100TF-60 Datasheet
424Kb / 4P
RoHS Compliant & Halogen Free
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com