Electronic Components Datasheet Search
  English  ▼

X  

AD1836AASRL Datasheet(PDF) 3 Page - Analog Devices

Part # AD1836AASRL
Description  Multichannel 96 kHz Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836AASRL Datasheet(HTML) 3 Page - Analog Devices

  AD1836AASRL Datasheet HTML 1Page - Analog Devices AD1836AASRL Datasheet HTML 2Page - Analog Devices AD1836AASRL Datasheet HTML 3Page - Analog Devices AD1836AASRL Datasheet HTML 4Page - Analog Devices AD1836AASRL Datasheet HTML 5Page - Analog Devices AD1836AASRL Datasheet HTML 6Page - Analog Devices AD1836AASRL Datasheet HTML 7Page - Analog Devices AD1836AASRL Datasheet HTML 8Page - Analog Devices AD1836AASRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD1836A
AD1836A—SPECIFICATIONS
Table 1. Test conditions, unless otherwise noted. Performance of all channels is identical (exclusive of the Interchannel Gain
Mismatch and Interchannel Phase Deviation specifications).
Parameter
Rating
Supply Voltages (AVDD, DVDD)
5 V
Ambient Temperature
25°C
Master Clock
12.288 MHz (48 kHz fS, 256 × fS Mode)
Input Signal
1.000 kHz, 0 dBFS (Full Scale)
Input Sample Rate
48 kHz
Measurement Bandwidth
20 Hz to 20 kHz
Word Width
24 Bits
Load Capacitance (Digital Output)
100 pF
Load Impedance (Digital Output)
2.5 kΩ
Input Voltage HI
2.4 V
Input Voltage LO
0.8 V
Rev. 0 | Page 3 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com