Electronic Components Datasheet Search
  English  ▼

X  

SC1812-300CSMD Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # SC1812-300CSMD
Description  Surface Mount 2-Electrode Gas Discharge Tube (GDT)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC1812-300CSMD Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  SC1812-300CSMD Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC1812-300CSMD Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC1812-300CSMD Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC1812-300CSMD Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
Revision January 4, 2019
2 / 4
@SOCAY Electronics Corp., Ltd. 2019
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC1812 Series
SOCAY Electronics Corp., Ltd.
www.socay.com
Part Number
DC
Spark-over
Voltage
Maximum Impulse
Spark-over Voltage
Minimum
Insulation
Resistance
Maximum
Capacitance
Arc
Voltage
Nominal
Impulse
Discharge
Current
@100V/S
@100V/μs
@1KV/μs
@1MHz
@1A
@8/20μs
±5 times
SC1812-90CSMD
90V±20%
<
600V
<
700V
1 GΩ
(at 50V DC)
<
1.0pF
~15V
2 KA
SC1812-150CSMD
150V±20%
<
600V
<
700V
1 GΩ
(at 50V DC)
<
1.0pF
~15V
2 KA
SC1812-200CSMD
200V±20%
<
600V
<
750V
1 GΩ
(at 100V DC)
<
1.0pF
~15V
2 KA
SC1812-230CSMD
230V±20%
<
600V
<
750V
1 GΩ
(at 100V DC)
<
1.0pF
~15V
2 KA
SC1812-300CSMD
300V±20%
<
800V
<
900V
1 GΩ
(at 100V DC)
<
1.0pF
~15V
2 KA
SC1812-350CSMD
350V±20%
<
800V
<
900V
1 GΩ
(at 100V DC)
<
1.0pF
~15V
2 KA
SC1812-400CSMD
400V±20%
<
900V
<
1000V
1 GΩ
(at 100V DC)
<
1.0pF
~15V
2 KA
SC1812-420CSMD
420V±20%
<
900V
<
1000V
1 GΩ
(at 100V DC)
<
1.0pF
~15V
2 KA
SC1812-470CSMD
470V±20%
<
900V
<
1000V
1 GΩ
(at 100V DC)
<
1.0pF
~15V
2 KA
SC1812-400CSMD+
>
400V
<
900V
<
1000V
1 GΩ
(at 100V DC)
<
1.0pF
~15V
2 KA
SC1812-600CSMD
600V±20%
<
1100V
<
1200V
1 GΩ
(at 100V DC)
<
1.0pF
~15V
2 KA
Notes:
1. Terms in accordance with ITU-T K.12 and GB/T 9043-2008
2. At delivery AQL 0.65 level Ⅱ, DIN ISO 2859
Device Dimensions
(Unit: mm)
Electrical Characteristics
Recommended pad outline



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com