Electronic Components Datasheet Search
  English  ▼

X  

MMDT3904 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # MMDT3904
Description  NPNNPN Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

MMDT3904 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  MMDT3904 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. MMDT3904 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. MMDT3904 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. MMDT3904 Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. MMDT3904 Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMDT3904
JINAN JINGHENG ELECTRONICS CO., LTD.
5-2
HTTP://WWW.JINGHENG.CN
ELECTRICAL CHARACTERISTICS(TA=25°C Unless otherwise specified)
Symbol
Unit
Conditions
Min
Max
Collector-Emitter Breakdown Voltage
V(BR)CEO
Collector-Base Breakdown Voltage
V(BR)CBO
Emitter-Base Breakdown Voltage
V(BR)EBO
Collector cut-off Current
ICBO
Collector cut-off Current
ICEO
Emitter cut-off Current
IEBO
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
V
V
V
nA
nA
nA
DC Current Gain
Output Capacitance
Input Capacitance
Current Gain-Bandwidth Product
Noise Figure
hFE(1)
VCE(sat)
VBE(sat)
Cob
Cib
fT
NF
V
V
pF
pF
MHZ
dB
IC=1.0mA,IB=0
40
---
IC=10μA,IE=0
60
---
IE=10μA,IC=0
5
---
VCB=30V,IE=0
---
50
VCE=20V,IB=0
---
VEB=5V,Ic=0
---
50
IC=10mA,VCE=20V
IC=1mA,VCE=1V
70
IC=10mA,VCE=1V
100
IC=10mA,IB=1mA
---
IC=50mA,IB=5mA
---
0.30
IC=10mA,IB=1mA
IC=50mA,IB=5mA
0.65
---
0.95
VCB=5V,f=1.0MHZ,IE=0
---
VEB=0.5V,f=1.0MHZ,IC=0
---
f=100MHZ
300
---
VCE=5.0V,f=1.0KHZ,
IC=100μA, RS= 1. 0KΩ
---
IC=0.1mA,VCE=1V
5
---
40
300
Parameter
4
---
---
0.20
0.85
hFE(2)
hFE(3)
hFE(4)
hFE(5)
IC=100mA,VCE=1V
IC=50mA,VCE=1V
---
60
---
30
---
Delay time
Rise time
Storage time
Fall time
td
tr
ts
tf
nS
nS
nS
nS
---
35
---
35
---
200
---
50
VCc=3.0V,VBE(off)=-0.5V,
IC=10mA, IB1= 1mA
VCc=3.0V,IC=10mA,
IB1= IB2= 1mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com