Electronic Components Datasheet Search
  English  ▼

X  

IDT70P35 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT70P35
Description  HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70P35 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT70P35 Datasheet HTML 1Page - Integrated Device Technology IDT70P35 Datasheet HTML 2Page - Integrated Device Technology IDT70P35 Datasheet HTML 3Page - Integrated Device Technology IDT70P35 Datasheet HTML 4Page - Integrated Device Technology IDT70P35 Datasheet HTML 5Page - Integrated Device Technology IDT70P35 Datasheet HTML 6Page - Integrated Device Technology IDT70P35 Datasheet HTML 7Page - Integrated Device Technology IDT70P35 Datasheet HTML 8Page - Integrated Device Technology IDT70P35 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
6.42
IDT70P35/34L(IDT70P25/24L)
ADVANCED
High-Speed 1.8V 8/4K x 18 (8/4K x 16) Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
Description
The IDT70P35/34L (IDT70P25/24L) is a high-speed 8/4K x 18
(8/4Kx16)Dual-PortStaticRAM. TheIDT70P35/34L(IDT70P25/24L)
is designed to be used as a stand-alone Dual-Port RAM or as a
combinationMASTER/SLAVEDual-PortRAMfor36-bit(32-bit)orwider
memory system applications results in full-speed, error-free operation
withouttheneedforadditionaldiscretelogic.
This device provides two independent ports with separate control,
address,andI/Opinsthatpermitindependent,asynchronousaccessfor
reads or writes to any location in memory. An automatic power down
featurecontrolledbyCEpermitstheon-chipcircuitryofeachporttoenter
a very low standby power mode.
FabricatedusingIDT’sCMOShigh-performancetechnology,these
devices typically operate on only 30.6mW of power.
TheIDT70P35/34L(IDT70P25/24L)ispackagedinaplastic100-pin
Thin Quad Flatpack, a 100-pin fine pitch Ball Grid Array, and a 100-pin
0.5mmpitchfpBGA.
IDT70P35/34 Pin Configurations(1,2,3,4)
NOTES:
1. A12 is a NC for IDT70P34.
2. All VDD pins must be connected to power supply.
3. All VSS pins must be connected to ground.
4. PN100-1 package body is approximately 14mm x 14mm x 1.4mm.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part marking.
Index
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 99 98 9796 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76
IDT70P35/34PF
PN100-1(5)
100-Pin TQFP
Top View(6)
N/C
N/C
I/O8L
I/O17L
I/O11L
I/O12L
I/O13L
I/O14L
Vss
I/O15L
I/O16L
VDD
Vss
I/O0R
I/O1R
I/O2R
I/O3R
VDD
I/O4R
I/O5R
I/O6R
I/O8R
I/O17R
N/C
N/C
5683 drw 02
N/C
N/C
N/C
N/C
A5L
A4L
A3L
A2L
A1L
A0L
INTL
Vss
M/
S
BUSYR
INTR
A0R
N/C
N/C
N/C
N/C
BUSYL
A1R
A2R
A3R
A4R
,
12/17/03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com