Electronic Components Datasheet Search
  English  ▼

X  

MAX17623 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17623
Description  2.9V to 5.5V,1A, Synchronous Step-Down Converter with Integrated MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17623 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17623 Datasheet HTML 1Page - Maxim Integrated Products MAX17623 Datasheet HTML 2Page - Maxim Integrated Products MAX17623 Datasheet HTML 3Page - Maxim Integrated Products MAX17623 Datasheet HTML 4Page - Maxim Integrated Products MAX17623 Datasheet HTML 5Page - Maxim Integrated Products MAX17623 Datasheet HTML 6Page - Maxim Integrated Products MAX17623 Datasheet HTML 7Page - Maxim Integrated Products MAX17623 Datasheet HTML 8Page - Maxim Integrated Products MAX17623 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MAX17623
MAX17624
2.9V to 5.5V,1A, Synchronous Step-Down
Converter with Integrated MOSFETs
www.maximintegrated.com
Maxim Integrated | 4
(VIN = VEN = 3.6V, VGND = VMODE = VFB = 0V, LX = OUTSNS = PGOOD= OPEN. TA = TJ = -40°C to +125°C, unless otherwise noted.
Typical values are at TA = +25°C. All voltages are referenced to GND, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
THERMAL SHUTDOWN
Thermal-Shutdown
Rising Threshold
165
°C
Thermal-Shutdown
Hysteresis
10
°C
Note 2:
Electrical specifications are production tested at TA = +25ºC. Specifications over the entire operating temperature range are
guaranteed by design and characterization.
Typical Operating Characteristics
(VIN = VEN = 5V, VGND = VMODE = VFB = VOUTSNS = 0V, LX = PGOOD = OPEN, TA = TJ = -40°C to +125°C, unless otherwise
noted. Typical values are at TA = +25°C. All voltages are referenced to GND, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com