Electronic Components Datasheet Search
  English  ▼

X  

MAX25232ATCF Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX25232ATCF
Description  36V, 3A Mini Buck Converters with 3.5μA IQ
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25232ATCF Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX25232ATCF Datasheet HTML 9Page - Maxim Integrated Products MAX25232ATCF Datasheet HTML 10Page - Maxim Integrated Products MAX25232ATCF Datasheet HTML 11Page - Maxim Integrated Products MAX25232ATCF Datasheet HTML 12Page - Maxim Integrated Products MAX25232ATCF Datasheet HTML 13Page - Maxim Integrated Products MAX25232ATCF Datasheet HTML 14Page - Maxim Integrated Products MAX25232ATCF Datasheet HTML 15Page - Maxim Integrated Products MAX25232ATCF Datasheet HTML 16Page - Maxim Integrated Products MAX25232ATCF Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
this mode, the majority of the internal circuitry (excluding that necessary to maintain regulation) in the device is turned off
to save current. Under no load and with skip mode enabled, the device typically draws 3.5μA for the 3.3V parts, and 6μA
for the 5.0V parts. For load currents > 5mA, the device enters normal skip mode and still maintains very high efficiency.
Output-Voltage Overshoot Protection
In dropout, the output voltage closely follows the input voltage, but is below the regulation point. The device runs at
maximum duty cycle to satisfy the loop, and the internal error-amplifier output is railed high. When the input voltage rises
above the output, the device comes out of dropout, but the internal error-amplifier output takes some time to get back to
steady state. This causes an overshoot in the output voltage. To limit this overshoot, the device clamps the output of the
error amplifier while coming out of dropout, causing it to discharge faster and limiting the output-voltage overshoot. The
actual value of the overshoot depends on the output capacitor, inductor, and load.
Controlled EMI with Forced-Fixed Frequency
In FPWM mode, the device attempts to operate at a constant switching frequency for all load currents. For tightest
frequency control, apply the operating frequency to SYNC. The advantage of FPWM is a constant switching frequency,
which improves EMI performance; the disadvantage is that considerable current can be thrown away. If the load current
during a switching cycle is less than the current flowing through the inductor, the excess current is diverted to AGND.
Extended Input Voltage Range
In some cases, the device is forced to deviate from its operating frequency, independent of the state of SYNC. At high
input voltages above 18V (especially for 2.1MHz operation), the required on-time to regulate its output voltage may be
smaller than the minimum on-time (65ns, typ). In this event, the device is forced to lower its switching frequency by
skipping pulses. If the input voltage is reduced and the device approaches dropout, it continuously tries to turn on the
HSFET. To maintain gate charge on the HSFET, the BST capacitor must be periodically recharged. To ensure proper
charge on the BST capacitor when in dropout, the HSFET is turned off every 20μs and the LSFET is turned on for
approximately 200ns. This gives an effective duty cycle of > 99%, and a switching frequency of 50kHz when in dropout.
Spread-Spectrum Option
Each device has an optional spread spectrum enabled by the SPS pin. If SPS is pulled high, the internal operating
frequency varies by ±3% relative to the internally generated 2.1MHz (typ) operating frequency. Spread spectrum is
offered to improve EMI performance of the device. The internal spread spectrum does not interfere with the external clock
applied on the SYNC pin. It is active only when the device is running with an internally generated switching frequency.
Power-Good (PGOOD)
Each device features an open-drain power-good output. PGOOD is an active-high output that pulls low when the output
voltage is below 92% (typ) of its nominal value. PGOOD is high impedance when the output voltage is above 93% (typ)
of its nominal value. Connect a 20kΩ (typ) pullup resistor to an external supply, or to the on-chip BIAS output.
Overcurrent Protection
Each device limits the peak output current to 3.5A (typ) for 2.1MHz switching frequency parts and 4.7A (typ) for the
400kHz switching frequency parts. The accuracy of the current limit is ±12%, making selection of external components
very easy. To protect against short-circuit events, the device shuts off when OUT is below 50% of VOUT and an
overcurrent event is detected. The device attempts a soft-start restart every 7ms and stays off if the short circuit has not
been removed. When the current limit is no longer present, it reaches the output voltage by following the normal soft-start
sequence. If the device’s die reaches the thermal limit of 175°C (typ) during the current-limit event, it immediately shuts
off.
Thermal-Overload Protection
Each device features thermal-overload protection. The device turns off when the junction temperature exceeds +175°C
(typ). Once the device cools by 15°C (typ), it turns back on with a soft-start sequence.
MAX25232
36V, 3A Mini Buck Converters with 3.5μA IQ
www.maximintegrated.com
Maxim Integrated | 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com