Electronic Components Datasheet Search
  English  ▼

X  

IXFR24N50 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFR24N50
Description  HiPerFET Power MOSFETs ISOPLUS247 (Electrically Isolated Back Surface)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFR24N50 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFR24N50 Datasheet HTML 1Page - IXYS Corporation IXFR24N50 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MW
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C
26N50
26
A
24N50
24
A
I
DM
T
C
= 25
°C, Pulse width limited by T
JM
26N50
104
A
24N50
96
A
I
AR
T
C
= 25
°C
26N50
26
A
24N50
24
A
E
AR
T
C
= 25
°C30
mJ
dv/dt
I
S
£ I
DM, di/dt £ 100 A/ms, VDD £ VDSS
5
V/ns
T
J
£ 150°C, R
G = 2 W
P
D
T
C
= 25
°C
250
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
V
ISOL
50/60 Hz, RMS
t = 1 minute leads-to-tab
2500
V~
Weight
6
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 250uA
500
V
V
GS(th)
V
DS = VGS, ID = 4mA
2
4
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS = 0.8 • VDSS
T
J
= 25
°C
200
mA
V
GS = 0 V
T
J = 125°C
1
mA
R
DS(on)
V
GS = 10 V, ID = IT
26N50
0.20
W
Notes 1 & 2
24N50
0.23
W
98526A (2/99)
ISOPLUS 247TM
G
D
Advanced Technical Information
Features
• Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
• Low drain to tab capacitance(<50pF)
• Low R
DS (on) HDMOS
TM process
• Rugged polysilicon gate cell structure
• Unclamped Inductive Switching (UIS)
rated
• Fast intrinsic Rectifier
Applications
• DC-DC converters
• Battery chargers
• Switched-mode and resonant-mode
power supplies
• DC choppers
• AC motor control
Advantages
• Easy assembly
• Space savings
• High power density
G = Gate
D = Drain
S = Source
* Patent pending
Isolated back surface*
V
DSS
I
D25
R
DS(on)
IXFR 26N50
500 V
24 A
0.20
W
IXFR 24N50
500 V
22 A
0.23
W
t
rr £ 250 ns
HiPerFETTM Power MOSFETs
ISOPLUS247TM
(Electrically Isolated Back Surface)
N-Channel Enhancement Mode
High dV/dt, Low t
rr, HDMOS
TM Family
IXYS reserves the right to change limits, test conditions, and dimensions.


Similar Part No. - IXFR24N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFR24N50 ISC-IXFR24N50 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
2023.10.8
logo
IXYS Corporation
IXFR24N50Q IXYS-IXFR24N50Q Datasheet
79Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247 (Electrically Isolated Back Surface)
More results

Similar Description - IXFR24N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR30N50 IXYS-IXFR30N50 Datasheet
92Kb / 4P
HiPerFET Power MOSFETs ISOPLUS247
IXFR100N25 IXYS-IXFR100N25 Datasheet
81Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
IXFR12N100F IXYS-IXFR12N100F Datasheet
91Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
IXFR26N50Q IXYS-IXFR26N50Q Datasheet
79Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247 (Electrically Isolated Back Surface)
IXFR180N085 IXYS-IXFR180N085 Datasheet
42Kb / 2P
HiPerFET-TM Power MOSFETs ISOPLUS247-TM (Electrically Isolated Back Surface)
IXFR4N100Q IXYS-IXFR4N100Q Datasheet
81Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247 (Electrically Isolated Backside)
IXFG55N50 IXYS-IXFG55N50 Datasheet
100Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
IXFR21N100Q IXYS-IXFR21N100Q_03 Datasheet
115Kb / 4P
HiPerFET Power MOSFETs ISOPLUS247
IXFR32N50Q IXYS-IXFR32N50Q_04 Datasheet
558Kb / 4P
HiPerFET Power MOSFETs ISOPLUS247
IXFR180N07 IXYS-IXFR180N07 Datasheet
37Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com