Electronic Components Datasheet Search
  English  ▼

X  

LM2745 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2745
Description  Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2745 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2745 Datasheet HTML 1Page - National Semiconductor (TI) LM2745 Datasheet HTML 2Page - National Semiconductor (TI) LM2745 Datasheet HTML 3Page - National Semiconductor (TI) LM2745 Datasheet HTML 4Page - National Semiconductor (TI) LM2745 Datasheet HTML 5Page - National Semiconductor (TI) LM2745 Datasheet HTML 6Page - National Semiconductor (TI) LM2745 Datasheet HTML 7Page - National Semiconductor (TI) LM2745 Datasheet HTML 8Page - National Semiconductor (TI) LM2745 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Electrical Characteristics (Continued)
V
CC = 3.3V unless otherwise indicated. Typicals and limits appearing in plain type apply for TA=TJ= 25˚C. Limits appearing in
boldface type apply over full Operating Temperature Range. Datasheet min/max specification limits are guaranteed by design,
test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
GATE DRIVE
I
Q-BOOT
BOOT Pin Quiescent Current
V
BOOT = 12V, VSD =0
18
90
µA
R
HG_UP
High-Side MOSFET Driver
Pull-Up ON resistance
V
BOOT =5V @ 350 mA Sourcing
2.7
Ω
R
HG_DN
High-Side MOSFET Driver
Pull-Down ON resistance
350 mA Sinking
0.8
Ω
R
LG_UP
Low-Side MOSFET Driver Pull-Up
ON resistance
V
BOOT =5V @ 350 mA Sourcing
2.7
Ω
R
LG_DN
Low-Side MOSFET Driver
Pull-Down ON resistance
350 mA Sinking
0.8
Ω
OSCILLATOR
f
SW
PWM Frequency
R
FADJ = 750 k
Ω
50
kHz
R
FADJ = 100 k
Ω
300
R
FADJ = 42.2 k
Ω
475
600
725
R
FADJ = 18.7 k
Ω
1000
LM2745 External Synchronizing
Signal Frequency
Voltage Swing = 0V to V
CC
250
1000
SYNC
L
LM2745 Synchronization Signal
Low Threshold
f
SW = 250 kHz to 1 MHz
1
V
SYNC
H
LM2745 Synchronization Signal
High Threshold
f
SW = 250 kHz to 1 MHz
2
V
D
MAX
Max High-Side Duty Cycle
f
SW = 300 kHz
f
SW = 600 kHz
f
SW = 1 MHz
86
78
67
%
LOGIC INPUTS AND OUTPUTS
V
STBY-IH
Standby High Trip Point
V
FB = 0.575V, VBOOT = 3.3V
V
SD Rising
1.1
V
V
STBY-IL
Standby Low Trip Point
V
FB = 0.575V, VBOOT = 3.3V
V
SD Falling
0.232
V
V
SD-IH
SD Pin Logic High Trip Point
V
SD Rising
1.3
V
V
SD-IL
SD Pin Logic Low Trip Point
V
SD Falling
0.8
V
V
PWGD-TH-LO
PWGD Pin Trip Points
V
FB Falling
0.408
0.434
0.457
V
V
PWGD-TH-HI
PWGD Pin Trip Points
V
FB Rising
0.677
0.710
0.742
V
V
PWGD-HYS
PWGD Hysteresis
V
FB Falling
V
FB Rising
60
90
mV
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for which the device
operates correctly. Operating Ratings do not imply guaranteed performance limits.
Note 2: The power MOSFETs can run on a separate 1V to 14V rail (Input voltage, VIN). Practical lower limit of VIN depends on selection of the external MOSFET.
See the MOSFET GATE DRIVERS section under Application Information for further details.
Note 3: ESD using the human body model which is a 100pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com