Electronic Components Datasheet Search
  English  ▼

X  

TMUX7412F Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7412F
Description  TMUX741xF 짹60 V Fault-protected, 1:1 (SPST), 4-Channel Switches with 1.8-V Logic
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7412F Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMUX7412F Datasheet HTML 4Page - Texas Instruments TMUX7412F Datasheet HTML 5Page - Texas Instruments TMUX7412F Datasheet HTML 6Page - Texas Instruments TMUX7412F Datasheet HTML 7Page - Texas Instruments TMUX7412F Datasheet HTML 8Page - Texas Instruments TMUX7412F Datasheet HTML 9Page - Texas Instruments TMUX7412F Datasheet HTML 10Page - Texas Instruments TMUX7412F Datasheet HTML 11Page - Texas Instruments TMUX7412F Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
7.6 Electrical Characteristics (Dual Supply: ±15 V) (continued)
VDD = +15 V ± 10%, VSS = –15 V ±10%, GND = 0 V (unless otherwise noted)
Typical at VDD = +15 V, VSS = –15 V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
SWITCHING CHARACTERISTICS
tON
Turn-on time
VS = 10 V, RL = 300 Ω, CL= 12 pF
25°C
400
ns
–40°C to +85°C
600
–40°C to +125°C
700
tOFF
Turn-off time
VS = 10 V, RL = 300 Ω, CL= 12 pF
25°C
100
ns
–40°C to +85°C
400
–40°C to +125°C
500
tRESPONSE
Fault response time
RL = 300 Ω, CL= 12 pF
25°C
200
ns
–40°C to +85°C
600
–40°C to +125°C
600
tRECOVERY
Fault recovery time
RL = 300 Ω, CL= 12 pF
25°C
0.85
µs
–40°C to +85°C
1.8
–40°C to +125°C
1.8
tRESPONSE(FLAG) Fault flag response time
RL = 1k Ω, CL= 12 pF, RPU = 1k Ω, CL_FF =
12 pF
25°C
80
ns
tRECOVERY(FLAG) Fault flag recovery time
RL = 1k Ω, CL= 12 pF, RPU = 1k Ω, CL_FF =
12 pF
25°C
1
µs
QJ
Charge injection
VS = 0 V, CL = 1 nF
25°C
–350
pC
OFFISO
Off-isolation
RS = 50 Ω, VS = 1 VRMS, f = 1 MHz
25°C
–60
dB
XTALK
Inter-channel crosstalk
RS = 50 Ω, VS = 1 VRMS, f = 1 MHz
25°C
–95
dB
BW
–3 dB bandwidth
RS = 50 Ω, VS = 1 VRMS, f = 1 MHz
25°C
550
MHz
IL
Insertion loss
RS = 50 Ω, VS = 1 VRMS, f = 1 MHz
25°C
–0.7
dB
CS(OFF)
Input off-capacitance
f = 1 MHz, VS = 0 V
25°C
12
pF
CD(OFF)
Output off-capacitance
f = 1 MHz, VS = 0 V
25°C
14
pF
CS(ON), CD(ON)
Input/Output on-capacitance
f = 1 MHz, VS = 0 V
25°C
16
pF
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404 – MARCH 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com