Electronic Components Datasheet Search
  English  ▼

X  

LM2748MTC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2748MTC
Description  Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2748MTC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2748MTC Datasheet HTML 1Page - National Semiconductor (TI) LM2748MTC Datasheet HTML 2Page - National Semiconductor (TI) LM2748MTC Datasheet HTML 3Page - National Semiconductor (TI) LM2748MTC Datasheet HTML 4Page - National Semiconductor (TI) LM2748MTC Datasheet HTML 5Page - National Semiconductor (TI) LM2748MTC Datasheet HTML 6Page - National Semiconductor (TI) LM2748MTC Datasheet HTML 7Page - National Semiconductor (TI) LM2748MTC Datasheet HTML 8Page - National Semiconductor (TI) LM2748MTC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM2745/8
Synchronous Buck Controller with Pre-bias Startup, and
Optional Clock Synchronization
General Description
The LM2745/8 are high-speed synchronous buck regulator
controllers with an accurate feedback voltage accuracy of
±1.5%. It can provide simple down conversion to output
voltages as low as 0.6V. Though the control sections of the
IC are rated for 3 to 6V, the driver sections are designed to
accept input supply rails as high as 14V. The use of adaptive
non-overlapping MOSFET gate drivers helps avoid potential
shoot-through problems while maintaining high efficiency.
The IC is designed for the more cost-effective option of
driving only N-channel MOSFETs in both the high-side and
low-side positions. It senses the low-side switch voltage drop
for providing a simple, adjustable current limit.
The LM2745/8 features a fixed-frequency voltage-mode
PWM control architecture which is adjustable from 50 kHz to
1 MHz with one external resistor. In addition, the LM2745
also allows the switching frequency to be synchronized to an
external clock signal over the range of 250 kHz to 1 MHz.
This wide range of switching frequency gives the power
supply designer the flexibility to make better tradeoffs be-
tween component size, cost and efficiency.
Features include the ability to startup with a pre-biased load
on the output, soft-start, input undervoltage lockout (UVLO)
and Power Good (based on both undervoltage and overvolt-
age detection). In addition, the shutdown pin of the IC can be
used for providing startup delay, and the soft-start pin can be
used for implementing precise tracking, for the purpose of
sequencing with respect to an external rail.
Features
n
Switching frequency from 50 kHz to 1 MHz
n
Switching frequency synchronize range 250 kHz to 1
MHz (LM2745 Only)
n
Startup with a pre-biased output load
n
Power stage input voltage from 1V to 14V
n
Control stage input voltage from 3V to 6V
n
Output voltage adjustable down to 0.6V
n
Power Good flag and shutdown
n
Output overvoltage and undervoltage detection
n ±
1.5% feedback voltage accuracy over temperature
n
Low-side adjustable current sensing
n
Adjustable soft-start
n
Tracking and sequencing with shutdown and soft start
pins
n
TSSOP-14 package
Applications
n
Down Conversion from 3.3V
n
Cable Modem, DSL and ADSL
n
Laser Jet and Ink Jet Printers
n
Low Voltage Power Modules
n
DSP, ASIC, Core and I/O
Typical Application
20137401
May 2005
© 2005 National Semiconductor Corporation
DS201374
www.national.com


Similar Part No. - LM2748MTC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2748MTC TI-LM2748MTC Datasheet
1Mb / 37P
LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock
LM2748MTC TI1-LM2748MTC Datasheet
1Mb / 37P
LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
LM2748MTC/NOPB TI1-LM2748MTC/NOPB Datasheet
1Mb / 37P
LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
LM2748MTC/NOPB TI2-LM2748MTC/NOPB Datasheet
960Kb / 39P
LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
REVISED APRIL 2013
LM2748MTC/NOPB.A TI2-LM2748MTC/NOPB.A Datasheet
960Kb / 39P
LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
REVISED APRIL 2013
More results

Similar Description - LM2748MTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2747 NSC-LM2747 Datasheet
1,009Kb / 23P
Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
logo
Texas Instruments
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
6A, Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM2745MTCX TI-LM2745MTCX Datasheet
1Mb / 37P
LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock
LM2748MTC TI1-LM2748MTC Datasheet
1Mb / 37P
LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
LM2747 TI-LM2747_15 Datasheet
1Mb / 38P
Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
logo
Delta Electronics, Inc.
DNL DELTA-DNL Datasheet
936Kb / 15P
Pre-bias startup
DNT12SIP05 DELTA-DNT12SIP05 Datasheet
716Kb / 13P
Pre-bias startup
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com