Electronic Components Datasheet Search
  English  ▼

X  

MMBT5550 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MMBT5550
Description  High Voltage Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MMBT5550 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MMBT5550 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT5550 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT5550 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT5550 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT5550 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
V CE = 1.0 V
V CE = 5.0 V
I C , COLLECTOR CURRENT (mA)
Figure 15. DC Current Gain
T J = +125°C
+25°C
–55°C
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
500
300
200
100
50
30
20
10
7.0
5.0
I B , BASE CURRENT (mA)
Figure 16. Collector Saturation Region
V BE , BASE–EMITTER VOLTAGE (VOLTS)
Figure 3. Collector Cut–Off Region
I C , COLLECTOR CURRENT (mA)
Figure 4. “On” Voltages
–0.4 –0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
10 1
10 0
10 –1
10 –2
10 –3
10 –4
10 –5
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
1.0
0.8
0.6
0.4
0.2
0
I C = 1.0 mA
T J = 25°C
10 mA
30 mA
100 mA
0.1
0.2 0.3
0.5
1.0
2.0 3.0
5.0
10
20 30
50
100
1.0
0.8
0.6
0.4
0.2
0
V CE = 30 V
T J = 125°C
75°C
25°C
I C = I CES
REVERSE
FORWARD
T J = 25°C
V BE(sat) @ I C /I B = 10
V CE(sat) @ I C /I B = 10
MMBT5550
MMBT5551
Rev :
www.leiditech.com
01.06.2015
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com