Electronic Components Datasheet Search
  English  ▼

X  

MBR3035PT Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MBR3035PT
Description  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MBR3035PT Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MBR3035PT Datasheet HTML 1Page - First Silicon Co., Ltd MBR3035PT Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2011. 10. 10
1/2
SEMICONDUCTOR
TECHNICAL DATA
MBR3035PT thru MBR3060PT
SCHOTTKY BARRIER TYPE DIODE
Revision No : 0
s
r
e
i
f
i
t
c
e
R
r
e
i
r
r
a
B
y
k
t
t
o
h
c
S
l
a
u
D
s
e
r
e
p
m
A
0
.
0
3
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
t
l
o
V
0
6
o
t
5
3
e
g
a
t
l
o
V
e
s
r
e
v
e
R
Plastic package has Underwriters Laboratory Flammability
Classifications 94V-0
Dual rectifier construction, positive center-tap
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters, free-wheeling,
and polarity protection applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
250°C/10 seconds, 0.17” (4.3mm) from case
Case: JEDEC TO-247AD molded plastic body
Terminals: Lead solderable per MIL-STD-750, Method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 10 in-lbs max.
Weight: 0.2 ounce, 5.6 grams
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
TO-247AD (TO-3P)
Notes:
1. 2.0us pulse width, f = 1.0 KHZ
2. Pulse test: 300us pulse width, 1% duty cycle
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
( Ratings at 25oC ambient temperature unless otherwise specified. )
r
e
t
e
m
a
r
a
l
P
o
b
m
y
T
S
P
5
3
0
3
R
B
T
M
P
5
4
0
3
R
B
T
M
P
0
5
0
3
R
B
T
M
P
0
6
0
3
R
B
M
t
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
V
M
M
R
R
5
3
5
4
0
5
0
6
s
t
l
o
V
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
g
n
i
k
r
o
V
W
M
W
R
5
3
5
4
0
5
0
6
s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
V
M
C
D
5
3
5
4
0
5
0
6
s
t
l
o
V
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
n
e
r
r
u
c
d
e
i
f
i
t
c
e
)
r
1
.
g
i
F
e
e
S
(
t
e
c
i
v
e
d
l
a
t
o
T
g
e
l
r
e
P
I
)
V
A
(
F
0
3
5
1
s
p
m
A
V
d
e
t
a
r
(
g
e
l
r
e
p
t
n
e
r
r
u
c
d
r
a
w
r
o
f
e
v
i
t
i
t
e
p
e
r
k
a
e
P
R
.
q
s
,
t
a
)
z
H
K
0
2
,
e
v
a
w
T
C
5
0
1
=
oC
I
M
R
F
0
s
3
p
m
A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
g
e
l
r
e
p
)
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
0
s
2
p
m
A
t
t
a
g
e
l
r
e
p
t
n
e
r
r
u
c
e
g
r
u
s
e
s
r
e
v
e
r
e
v
i
t
i
t
e
p
e
r
k
a
e
P
p =
0
.
2 u
)
1
e
t
o
N
(
z
H
K
1
,
s
I
M
R
R
0
.
0
2
.
s
1
p
m
A
V
d
e
t
a
r
(
t
a
e
g
n
a
h
c
f
o
e
t
a
r
e
g
a
t
l
o
V
R
t
)
d
/
v
0
d
0
0
,
0
/
1
V us
)
2
e
t
o
N
(
g
e
l
r
e
p
e
g
a
tl
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
M
V
F
t
l
o
V
I
t
a
F
,
A
5
1
=
T
C
5
2
=
o
5
-
C
7
.
0
I
t
a
F
,
A
5
1
=
T
C
5
2
1
=
o
0
C
6
.
5
0
6
.
0
I
t
a
F
,
A
0
3
=
T
C
5
2
=
o
6
C
7
.
-
0
I
t
a
F
,
A
0
3
=
T
C
5
2
1
=
o
2
C
7
.
-
0
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
M
C
D
d
e
t
a
r
t
a
t
n
e
r
r
u
c
e
s
r
e
v
e
r
g
e
l
r
e
p
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
)
2
e
t
o
N
(
T
C
5
2
=
oC
I
R
0
.
0
1
.
5
mA
T
C
5
2
1
=
o
0
C
0
6
0
1
g
e
l
r
e
p
e
s
a
c
o
t
n
o
i
t
c
n
u
j
m
o
r
f
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
R
T
θ C
J
4
.
1
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
T
O
J
0
5
1
+
o
t
5
5
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
T
S
G
T
S
0
5
1
+
o
t
5
5
-
oC
Dimensions in inches and (millimeters)


Similar Part No. - MBR3035PT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR3035PT FAIRCHILD-MBR3035PT Datasheet
55Kb / 3P
Schottky Rectifiers
logo
Diodes Incorporated
MBR3035PT DIODES-MBR3035PT Datasheet
64Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. E-2
logo
General Semiconductor
MBR3035PT GE-MBR3035PT Datasheet
74Kb / 2P
SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR3035PT DIODES-MBR3035PT Datasheet
62Kb / 3P
30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. 8 - 2
logo
Micro Commercial Compon...
MBR3035PT MCC-MBR3035PT Datasheet
1Mb / 3P
30 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results

Similar Description - MBR3035PT

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR2060CT KEC-MBR2060CT Datasheet
35Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR331V KEC-KDR331V Datasheet
68Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
logo
Kersemi Electronic Co.,...
MBRF20200CT KERSEMI-MBRF20200CT Datasheet
766Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com