Electronic Components Datasheet Search
  English  ▼

X  

TM12832ABC Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # TM12832ABC
Description  SPECIFICATION FOR LCD MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TM12832ABC Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TM12832ABC Datasheet HTML 7Page - List of Unclassifed Manufacturers TM12832ABC Datasheet HTML 8Page - List of Unclassifed Manufacturers TM12832ABC Datasheet HTML 9Page - List of Unclassifed Manufacturers TM12832ABC Datasheet HTML 10Page - List of Unclassifed Manufacturers TM12832ABC Datasheet HTML 11Page - List of Unclassifed Manufacturers TM12832ABC Datasheet HTML 12Page - List of Unclassifed Manufacturers TM12832ABC Datasheet HTML 13Page - List of Unclassifed Manufacturers TM12832ABC Datasheet HTML 14Page - List of Unclassifed Manufacturers TM12832ABC Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image

+11    
MPU Interface (GND = 0V, V
CC = 2.7 to 5.5V, Ta = –30 to +75°C)
*
Item
Symbol
Min
Typ
Max
Unit
E cycle time
t
CYC
1000
—
—
ns
E high level width
P
WEH
450
—
—
ns
E low level width
P
WEL
450
—
—
ns
E rise time
t
r
—
—
25
ns
E fall time
t
f
—
—
25
ns
Address setup time
t
AS
140
—
—
ns
Address hold time
t
AH
10
—
—
ns
Data setup time
t
DSW
200
—
—
ns
Data delay time
t
DDR
—
—
320
ns
Data hold time (write)
t
DHW
10
—
—
ns
Data hold time (read)
t
DHR
20
—
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com