Electronic Components Datasheet Search
  English  ▼

X  

SPPC Datasheet(PDF) 15 Page - Carlo Gavazzi Holding AG

Part # SPPC
Description  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC Datasheet(HTML) 15 Page - Carlo Gavazzi Holding AG

Back Button SPPC Datasheet HTML 11Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 12Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 13Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 14Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 15Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 16Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 17Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 18Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 19Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
15
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
SMPS Cover
Customer Plate
Assemble Screw
41
(1.6”)
23 (1”)
12.5
(0.4”)
152.4 (6”)
26.5 (1”)
63.5
(2.5”)
33.25
(1.3”)
116.5
(4.5”)
Fixture A (option)
Fixture B: For bottom assemle purpose
50
(1.9”)
32.8
(1.2”)
152.4 (6”)
218 (8.5”)
4-M3
4-M3
9.25
(0.3”)
11 (0.4”)
32.8
(1.2”)
L<= 4mm
SPPC 480W
Unit: mm
218 (8.5”)
152.4 (6”)
CON1
CON2
12.5
(0.4”)
152.4 (6”)
32.8
(1.2”)
4-Ø4.4
Fixture A (option)
Fixture A: for bottom assemble purpose
1
2
4
3
4-M3
4-M3
40.8
(1.6”)
SPPC 600W / 800W
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com