Electronic Components Datasheet Search
  English  ▼

X  

SPPC5501 Datasheet(PDF) 13 Page - Carlo Gavazzi Holding AG

Part # SPPC5501
Description  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC5501 Datasheet(HTML) 13 Page - Carlo Gavazzi Holding AG

Back Button SPPC5501 Datasheet HTML 9Page - Carlo Gavazzi Holding AG SPPC5501 Datasheet HTML 10Page - Carlo Gavazzi Holding AG SPPC5501 Datasheet HTML 11Page - Carlo Gavazzi Holding AG SPPC5501 Datasheet HTML 12Page - Carlo Gavazzi Holding AG SPPC5501 Datasheet HTML 13Page - Carlo Gavazzi Holding AG SPPC5501 Datasheet HTML 14Page - Carlo Gavazzi Holding AG SPPC5501 Datasheet HTML 15Page - Carlo Gavazzi Holding AG SPPC5501 Datasheet HTML 16Page - Carlo Gavazzi Holding AG SPPC5501 Datasheet HTML 17Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
FG
I/P
+V
-V
O.L.P.
O.V.P.
RECTIFIERS
&
FILTER
POWER
SWITCHING
FEEDBACK
DETECTION
CIRCUIT
162.5 (6.3”)
179 (7”)
53 (2”)
25.5 (1”)
100 (3.9”)
50
40
30
Ambient Temperature
20
10
20
40
60
80
100
0
-25
70
60
10 (0.3”)
25 (0.9”)
5 (0.1”)
14 (0.5”)
Ø4.
5
22.5 (0.8”)
15 (0.5”)
9.5 (0.3”)
2 - M4
3 - M4
6-M3
83.5 (3.2”)
42.5 (1.6”)
V ADJ
+V
+V
-V
-V
N
L
6.5 (0.2”)
168.5 (6.6”)
22.5 (0.8”)
6.5 (0.2”)
EMI FILTER
&
RECTIFIERS
PFC
CIRCUIT
PWM & PFC
CONTROL
4-M3.0
6
8
4
2
1
3
7
5
4-Ø3.5
9
10
12
13
11
14
3-M3.0
Ø4.0
(6.2”)
(5.9”)
(0.1”)
(0.9”)
(3”)
(6”)
(0.8”)
(4.6”)
(6.2”)
SPPC 150 1F
Unit: mm
SPPC 150W 1FC
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com