Electronic Components Datasheet Search
  English  ▼

X  

SPD24 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # SPD24
Description  Switching Power Supply Type SPD 960W 3 phases DIN rail mounting
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPD24 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  SPD24 Datasheet HTML 1Page - Carlo Gavazzi Holding AG SPD24 Datasheet HTML 2Page - Carlo Gavazzi Holding AG SPD24 Datasheet HTML 3Page - Carlo Gavazzi Holding AG SPD24 Datasheet HTML 4Page - Carlo Gavazzi Holding AG SPD24 Datasheet HTML 5Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Specifications are subject to change without notice. Pictures are just an example. For special features and/or customization, please ask to our sales network. 02/05/2017
Switching Power Supply
Type SPD 960W 3 phases
DIN rail mounting
Input Data
Rated input voltage
400 - 500VAC
Voltage range
AC
340 - 575VAC
DC
480 - 820VDC
Rated input current
(Vi:340VAC, Io nom)
Typ.
2.4A
Inrush current
Vi nom, Io nom 24V/48V models 30 - 35A
Cold start 24L model
50 - 60A
Power dissipation
(Vi : 400VAC, Io nom)
24V Model
98W
48V Model
55W
Frequency range
47-63Hz
Leakage current
Input-Output
0.25mA
Input-FG
3.5mA
Controls and Protections
General Data (@ nominal line, full load, 25°C)
Over voltage protection
125/140%
Over voltage protection
VDC
Min.
Max.
24V Model
30
33
48V Model
60
68
Internal surge voltage protection Varistor
(IEC 61000-4-5)
MTB (Bellcore issue 6 @ 40°C, GB)
24V Model
352000 Hours
24L Model
381000 Hours
48V Model
390000 Hours
Case material
Metal
Dimensions LxWxD mm (inch) 126.2(4.97)x275.(10.86)x118.8 (4.68)
Weight
3400 g
Overload
120 - 140%
Input fuse
T5A/500VAC internal/phase
Output short circuit
Hiccup mode
Power ready output
(only 24V model)
On threshold
≥17.6-19.4VDC
Electrical isolation
500VDC
Contact rating at 60VDC
0.3A
Ambient temperature
-40°C to +71°C
Derating (>61°C to +71°C)
3.5%/C
Ambient humidity
20 ~ 90%RH
Storage
-40°C to +85°C
Protection degree
IP20
Cooling
Free air convection
Pollution degree
2
Norms and Standards
Vibration resistance
meet IEC 60068-2-6
(Mounting by rail: 10-500Hz,
2G, along X, Y, Z each Axis,
60 min for each Axis)
Shock resistance
meet IEC 60068-2-27
(15G,11ms, 3 Axis, 6 faces,
3 times for each face)
UL/cUL
UL508 listed, UL60950-1,
Recognized, ISA 12.12.01
(Class 1, Division 2, Groups
A, B, C and D)
TUV
EN 60950-1, CB scheme
EN 61558-1, EN 61558-2-
17 (meet EN 60204)
CCC
GB4943, GB9254, GB17625.1
CE
EN 61000-6-3, EN 55022
Class B, EN 61000-3-2,
EN 61000-3-3,
EN 61000-6-2,
EN 55024, EN 61000-4-2
Level 4, EN 61000-4-3
Level 3, EN 61000-4-4
Level 4, EN 61000-4-5 L-N
Level 3, L/N-FG Level 4,
EN 61000-4-6 Level 3,
EN 61000-4-8 Level 4,
EN 61000-4-11,
ENV 50204 Level 2,
EN 61204-3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com