Electronic Components Datasheet Search
  English  ▼

X  

SPPC48501 Datasheet(PDF) 20 Page - Carlo Gavazzi Holding AG

Part # SPPC48501
Description  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC48501 Datasheet(HTML) 20 Page - Carlo Gavazzi Holding AG

Back Button SPPC48501 Datasheet HTML 16Page - Carlo Gavazzi Holding AG SPPC48501 Datasheet HTML 17Page - Carlo Gavazzi Holding AG SPPC48501 Datasheet HTML 18Page - Carlo Gavazzi Holding AG SPPC48501 Datasheet HTML 19Page - Carlo Gavazzi Holding AG SPPC48501 Datasheet HTML 20Page - Carlo Gavazzi Holding AG SPPC48501 Datasheet HTML 21Page - Carlo Gavazzi Holding AG SPPC48501 Datasheet HTML 22Page - Carlo Gavazzi Holding AG SPPC48501 Datasheet HTML 23Page - Carlo Gavazzi Holding AG SPPC48501 Datasheet HTML 24Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
20
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
SPPC
200W
240W
320W 1FC
480W
600W
800W
Operating temperature
range
-20 °C to 65 °C
(-4 °F to 149 °F)
- 30 °C to 70 °C
( - 22 °F to 158 °F)
Temperature storage
-40 °C to +85 °C
(-40 °F to 185 °F)
Humidity
20 % ~ 90 % RH no condensing
Temperature derating
50 °C (122 °F)
Temperature regulation
± 0.03 % / °C ( ± 32.054 % / °F)
Compatibility and conformity
Environmental
SPPC
25W
35W
50W
75W
150W 1F
150W 1FC
Operating temperature
range
-20 °C to 70 °C
(-4 °F to 158 °F)
-25 °C to 70 °C
(-13 °F to 158 °F)
-10 °C to 55 °C
(14 °F to 131 °F)
-20 °C to 70 °C
(-4 °F to 185 °F)
Storage temperature
- 40 °C to 85 °C
(- 40 °F to 185 °F)
- 30 °C to 85 °C
(- 22 °F to 185 °F)
Humidity
20 % ~ 90 % RH no condensing
Temperature derating
50 °C
(122 °F)
40 °C
(104 °F)
Temperature regulation
± 0.03 % / °C ( ± 32.054 % / °F)
SPPC
25W
35W
50W
75W
150W 1F
150W 1FC
Safety
standards
UL60950-1 2nd Ed,
IEC 60950-1:2005 (2nd Ed);
EN60950-1:2006
UL60950-1:
EN60950-1:2006
UL60950-1 2nd Ed;
IEC 60950-1:2005
(2nd Ed);
EN60950-1:2006
EMC Emission:
EMI conductor
& radiation
EMS immunity
Compliance to EN55022, EN55024, FCC PART 15 Class B
Compliance to EN61000-4-2,3,4,5,6,8,11
Harmonic
current
Compliance to EN61000-3-2, 3
Compliance to EN61000-3-2, Class D
EMC immunity
Compliance to EN61000-4-2, 3, 4, 5, 6, 8, 11;
EN55024, EN61000-6-2
Heavy industry level
-
-
CE
CE Approved
EN55024,
EN61000-6-2,
heavy industry level
CE approved
UL Certification
UL approved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com