Electronic Components Datasheet Search
  English  ▼

X  

SPD24 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # SPD24
Description  Switching Power Supply Type PSS 480W DIN rail mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPD24 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  SPD24 Datasheet HTML 1Page - Carlo Gavazzi Holding AG SPD24 Datasheet HTML 2Page - Carlo Gavazzi Holding AG SPD24 Datasheet HTML 3Page - Carlo Gavazzi Holding AG SPD24 Datasheet HTML 4Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications are subject to change without notice. Pictures are just an example. For special features and/or customization, please ask to our sales network. 17/11/2017
Switching Power Supply
Type SPD 480W
DIN rail mounting
Input Data
Rated input voltage
115 - 230VAC
Voltage range
AC
90 - 264VAC
DC
120 - 375VDC
Rated input current
(Vi:90VAC, Io nom)
Typ.
4.9/2.5A
Max.
7/3.5A
Inrush current
Vi= 115VAC 25A
Vi= 230VAC 50A
Power dissipation
(Vi : 400VAC, Io nom)
24V Model
63W
48V Model
56W
Frequency range
47-63Hz
Leakage current
Input-Output
0.25mA
Input-FG
3.5mA
P.F.C Vi=115/230VAC, Ionom 0.99/0.97
Controls and Protections
General Data (@ nominal line, full load, 25°C)
Over voltage protection
125/140%
Internal surge voltage protection Varistor
(IEC 61000-4-5)
Case material
Metal
Dimensions LxWxD mm (inch)
Screw terminal type
124.5 x 175.5 x 123.6 mm
(4.9 x 6.91 x 4.87 inches)
Detachable connector type
143.5 x 175.5 x 123.6 mm
(5.65 x 6.91 x 4.87 inches)
Weight
430 g
Overload
110 - 140%
Input fuse
T10A/250VAC internal
Output short circuit
Fold forward
Power ready output
threshold at start up
≥17.6-19.4VDC
Electrical isolation
500VDC
Contact rating at 60VDC
0.3A
Ambient temperature
-40°C to +71°C
Derating (>61°C to +71°C)
2.5%/C
Ambient humidity
20 ~ 95%RH
Storage
-40°C to +85°C
Protection degree
IP20
Cooling
Free air convection
Pollution degree
2
MTB (Bellcore issue 6 @ 40°C, GB)
24V Model
403000 Hours
48V Model
416000 Hours
Norms and Standards
Vibration resistance
meet IEC 60068-2-6
(Mounting by rail: 10-500Hz,
2G, along X, Y, Z each Axis,
60 min for each Axis)
Shock resistance
meet IEC 60068-2-27
(15G,11ms, 3 Axis, 6 faces,
3 times for each face)
UL/cUL
UL508 listed, UL60950-1
Recognized
TUV
EN 60950-1, CB scheme
EN 61558-1, EN 61558-2-
17 (meet EN 60204)
ISA
12.12.01 Class I Div 2
Groups A, B, C, D
CE
EN 61000-6-3, EN 55022
Class B, EN 61000-3-2,
EN 61000-3-3,
EN 61000-6-2,
EN 55024,
EN 61000-4-2 Level 4,
EN 61000-4-3 Level 3,
EN 61000-4-4 Level 4,
EN 61000-4-5 L-Level 3,
L/N-FG Level 4,
EN 61000-4-6 Level 3,
EN 61000-4-8 Level 4,
EN 61000-4-11,
ENV 50204 Level 2,
EN 61204-3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com