Electronic Components Datasheet Search
  English  ▼

X  

SPPC24751 Datasheet(PDF) 3 Page - Carlo Gavazzi Holding AG

Part # SPPC24751
Description  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC24751 Datasheet(HTML) 3 Page - Carlo Gavazzi Holding AG

  SPPC24751 Datasheet HTML 1Page - Carlo Gavazzi Holding AG SPPC24751 Datasheet HTML 2Page - Carlo Gavazzi Holding AG SPPC24751 Datasheet HTML 3Page - Carlo Gavazzi Holding AG SPPC24751 Datasheet HTML 4Page - Carlo Gavazzi Holding AG SPPC24751 Datasheet HTML 5Page - Carlo Gavazzi Holding AG SPPC24751 Datasheet HTML 6Page - Carlo Gavazzi Holding AG SPPC24751 Datasheet HTML 7Page - Carlo Gavazzi Holding AG SPPC24751 Datasheet HTML 8Page - Carlo Gavazzi Holding AG SPPC24751 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
3
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
CARLO GAVAZZI compatible components
Output power
Output voltage
200W
240W
320W
480W
600W
800W
5 VDC
SPPC52001FC
-
-
-
-
-
12VDC
SPPC122001FC SPPC122401FC SPPC123201FC SPPC124801FC SPPC126001FC
-
15 VDC
-
-
-
-
-
-
24 VDC
SPPC242001FC SPPC242401FC SPPC243201FC SPPC244801FC SPPC246001FC SPPC248001FC
36 VDC
-
-
-
SPPC364801FC SPPC366001FC
-
48 VDC
SPPC482001FC
-
SPPC483201FC SPPC484801FC SPPC486001FC SPPC488001FC
Purpose
Component name/code
Notes
Bracket for side mounting
SPPX-DINCLIPA
Bracket for bottom mounting
SPPX-DINCLIPB
Small square bracket
SPPX-BKTLA
Medium square bracket
SPPX-BKTLB
Large square bracket
SPPX-BKTLD
Further reading
Information
Where to find it
QR
SPPC Data sheet
http://productselection.net/Pdf/UK/SPPC_DS.PDF
SPPC Installation sheet
http://www.productselection.net/MANUALS/UK/sppc_im.pdf
SPPC CAD drawings
http://www.productselection.net/DXF/sppc_cad.zip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com