Electronic Components Datasheet Search
  English  ▼

X  

SD08 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SD08
Description  Unidirectional TVS Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SD08 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SD08 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SD08 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SD08 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD08
Unidirectional TVS Diode
Features
Ultra low leakage: nA level
Operating voltage: 8V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±15kV
Contact discharge: ±8kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 18A (8/20μs)
RoHS Compliant
Applications
USB 2.0 power and data line
Set-top box and digital TV
Digital video interface (DVI)
Notebook Computers
SIM Ports
10/100 Ethernet
Dimensions SOD-323
Pin Configuration
Mechanical Characteristics
Package: SOD-323
Lead Finish: Lead Free
UL Flammability Classification Rating 94V-0
Quantity Per Reel:3,000pcs
Reel Size:7 inch
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
360
W
ESD per IEC 61000−4−2 (Air)
VESD
± 15
Kv
ESD per IEC 61000−4−2 (Contact)
± 8
Operating Temperature Range
TJ
-55 to +125
Storage Temperature Range
TSTJ
-55 to +150
Rev :
www.leiditech.com
01.06.2018
1/3


Similar Part No. - SD08

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SD08 DAESAN-SD08 Datasheet
395Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Kexin Industr...
SD08 KEXIN-SD08 Datasheet
154Kb / 3P
TVS Diodes
logo
DAESAN ELECTRONIC CORP.
SD08.5 DAESAN-SD08.5 Datasheet
395Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Advanced Photonix, Inc.
SD0800-3111-111 ADVANCEDPHOTONIX-SD0800-3111-111 Datasheet
215Kb / 3P
The SD0800-3111-111 is a high sensitivity, low noise, 1 mm diameter active area InGaAs photodiode for detection at SWIR, NIR wavelengths for imaging and sensing applications.
logo
AVX Corporation
SD0803S020L0R1 AVX-SD0803S020L0R1 Datasheet
478Kb / 7P
Schottky Barrier Rectifier Diode
More results

Similar Description - SD08

ManufacturerPart #DatasheetDescription
logo
StarHope
TUSD05CU SPSEMI-TUSD05CU Datasheet
625Kb / 3P
Unidirectional TVS Diode
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
UNIDIRECTIONAL TVS DIODE
YSESD3Z36T1G YEASHIN-YSESD3Z36T1G Datasheet
1Mb / 3P
UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA15T1 LEIDITECH-SDA15T1 Datasheet
304Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA0301P LEIDITECH-SDA0301P Datasheet
635Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA0801P LEIDITECH-SDA0801P Datasheet
641Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
UNIDIRECTIONAL TVS DIODE
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com