Electronic Components Datasheet Search
  English  ▼

X  

SD11W Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SD11W
Description  Standard Capacitance TVS Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SD11W Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SD11W Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SD11W Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SD11W Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD11W
Features
●
Ultra low leakage: nA level
●
Operating voltage: 11V
●
Low clamping voltage
●
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-5 (Lightning) 22.7A (8/20 μs)
●
RoHS Compliant
Applications
●
USB 2.0 power and data line
●
Set-top box and digital TV
●
Digital video interface (DVI)
●
Notebook Computers
●
SIM Ports
●
10/100 Ethernet
Dimensions SOD-323
Pin Configuration
Mechanical Characteristics
●
Package: SOD-323
●
Lead Finish: Lead Free
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:3,000pcs
●
Reel Size:7 inch
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
450
W
ESD per IEC 61000−4−2 (Air)
VESD
± 30
Kv
ESD per IEC 61000−4−2 (Contact)
± 30
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃
Standard Capacitance TVS Diode
Rev :
www.leiditech.com
01.06.2015
1/3


Similar Part No. - SD11W

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SD11 DAESAN-SD11 Datasheet
395Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Winchester Electronics ...
SD110-351-0000N WINCHESTER-SD110-351-0000N Datasheet
106Kb / 1P
QC-SMA PLUG TO SMA JACK ADAPTER
logo
List of Unclassifed Man...
SD1100 ETC-SD1100 Datasheet
94Kb / 2P
N CHANNEL ENHANCEMENT MODE HIGH VOLTAGE D MOS POWER FETS
logo
DB Lectro Inc
SD1100 DBLECTRO-SD1100 Datasheet
450Kb / 2P
Provides transparent RS422/485 serial cable replacement
logo
List of Unclassifed Man...
SD1100 ETC-SD1100 Datasheet
190Kb / 2P
Bluetooth-serial adapter
More results

Similar Description - SD11W

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SD05W LEIDITECH-SD05W Datasheet
396Kb / 3P
Standard Capacitance TVS Diode
SD08W LEIDITECH-SD08W Datasheet
421Kb / 3P
Standard Capacitance TVS Diode
SD13W LEIDITECH-SD13W Datasheet
419Kb / 3P
Standard Capacitance TVS Diode
SD16W LEIDITECH-SD16W Datasheet
419Kb / 3P
Standard Capacitance TVS Diode
SD18 LEIDITECH-SD18 Datasheet
413Kb / 3P
Standard Capacitance TVS Diode
SD20W LEIDITECH-SD20W Datasheet
425Kb / 3P
Standard Capacitance TVS Diode
SD22W LEIDITECH-SD22W Datasheet
419Kb / 3P
Standard Capacitance TVS Diode
SD24W LEIDITECH-SD24W Datasheet
419Kb / 3P
Standard Capacitance TVS Diode
SD30W LEIDITECH-SD30W Datasheet
419Kb / 3P
Standard Capacitance TVS Diode
SD8.5W LEIDITECH-SD8.5W Datasheet
475Kb / 3P
Standard Capacitance TVS Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com